Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCX54 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BCX54
Description  45 V, 1 A NPN medium power transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCX54 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BCX54 Datasheet HTML 5Page - NXP Semiconductors BCX54 Datasheet HTML 6Page - NXP Semiconductors BCX54 Datasheet HTML 7Page - NXP Semiconductors BCX54 Datasheet HTML 8Page - NXP Semiconductors BCX54 Datasheet HTML 9Page - NXP Semiconductors BCX54 Datasheet HTML 10Page - NXP Semiconductors BCX54 Datasheet HTML 11Page - NXP Semiconductors BCX54 Datasheet HTML 12Page - NXP Semiconductors BCX54 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BC635_BCP54_BCX54_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 4 June 2007
9 of 15
NXP Semiconductors
BC635; BCP54; BCX54
45 V, 1 A NPN medium power transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ = 0.02.
FR4 PCB, mounting pad for collector 6 cm2
Fig 9.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aaa816
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle =
0.01
0
0.02
0.05
0.1
0.2
0.33
0.5
0.75
1.0
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB =30V; IE = 0 A
-
-
100
nA
VCB =30V; IE =0A;
Tj = 150 °C
--10
µA
IEBO
emitter-base cut-off
current
VEB =5V; IC = 0 A
-
-
100
nA
hFE
DC current gain
VCE =2V
IC = 5 mA
63
-
-
IC = 150 mA
63
-
250
IC = 500 mA
[1] 40
-
-
DC current gain
VCE =2V
hFE selection -10
IC = 150 mA
63
-
160
hFE selection -16
IC = 150 mA
100
-
250
VCEsat
collector-emitter
saturation voltage
IC = 500 mA; IB =50mA
[1] -
-
500
mV
VBE
base-emitter voltage
VCE =2V; IC = 500 mA
[1] --1
V
Cc
collector capacitance
VCB =10V; IE =ie =0A;
f=1MHz
-6
-pF
fT
transition frequency
VCE =5V; IC =50mA;
f = 100 MHz
100
180
-
MHz


Numéro de pièce similaire - BCX54

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
BCX54 DGNJDZ-BCX54 Datasheet
1Mb / 3P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX54 PHILIPS-BCX54 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
BCX54 NXP-BCX54 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
logo
Galaxy Semi-Conductor H...
BCX54 BILIN-BCX54 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Siemens Semiconductor G...
BCX54 SIEMENS-BCX54 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
More results

Description similaire - BCX54

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
EPCOS
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
   45 V, 1 A NPN medium power transistors
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com