Moteur de recherche de fiches techniques de composants électroniques |
|
BYP54-75 Fiches technique(PDF) 4 Page - Zetex Semiconductors |
|
BYP54-75 Fiches technique(HTML) 4 Page - Zetex Semiconductors |
4 / 5 page BYP53 / BYP54 Electrical characteristics (at Tamb = 25°C unless otherwise stated) Parameter Symbol Min. Typ. Max. Unit Test contitions Forward voltage BYP53-75...800 BYP54-75...800 VF - 0.95 1.1 V IF = 25 A, measuring time 10ms (half-sine wave) Forward voltage (information values) BYP53-75...800 BYP54-75...800 VF - - 1.2 V IF = 35 A, BYP53-75...150 BYP54-75...150 - - 3 BYP53-200...800 BYP54-200...800 IRRM - - 1.5 mA TJ = 140°C, at VRRM BYP53-75...400 BYP54-75...400 - - 0.25 Reverse current BYP53-500...800 BYP54-500...800 IRRM - - 0.1 mA at VRRM Threshold voltage (information value) V(FO) - 0.66 - V TJ = 175°C Slope resistance (information value) rF - 5.75 - mΩ TJ = 175°C Options: Electrical characteristics for parallel connecting (at Tamb = 25°C unless otherwise stated) Option Parameter Symbol Min. Typ. Max. Unit Test contitions 1 Forward voltage difference in one category of forward voltage ∆VF - - 0.05 V IF = 25 A, measuring time 10ms (half-sine wave) 2 Reverse current in one category of forward voltage (only for BYP53-300…800 and BYP54-300…800) IR - - 0.01 mA at VRRM Issue 4 – September 2006 4 www.zetex.com © Zetex Semiconductors plc 2006 |
Numéro de pièce similaire - BYP54-75 |
|
Description similaire - BYP54-75 |