Moteur de recherche de fiches techniques de composants électroniques |
|
AD9912 Fiches technique(PDF) 3 Page - Analog Devices |
|
AD9912 Fiches technique(HTML) 3 Page - Analog Devices |
3 / 3 page Preliminary Technical Data AD9912 Rev. Pr B| Page 3 of 3 PR06763-0-6/07(PrB) 12, 13, 15-18, 20, 21, 22, 44 N/C No Connect No Connect: These excess, unused pins should be left floating. 14, 37, 46, 47, 49 I Power AVDD3 Analog Supply: Connect to a nominal 3.3V supply 27 I SYSCLK System Clock Input. Can be LVPECL or Crystal input, depending on CLKMODESEL pin. 28 I SYSCLKB Complementary System Clock: Complementary signal to the input provided on pin 27 31 LOOP_FILTER System Clock Multiplier Loop Filter: When using the frequency multiplier to drive the System Clock, an external loop filter must be constructed and attached to this pin. 32 I 1.8V CMOS CLKMODESEL Clock Mode Select. Set to GND when using a crystal. Pull up to 1.8V when using either an oscillator or external clock source. (See the SysClk Inputs section for details on the use of this pin). 33, 39, 43, 52 I GND AVSS Analog Ground: Connect to Ground. NOTE: Pin 43 is a ground shield connection. 34 O 1.8V HSTL OUTB Complementary HSTL Output: See spec table and the OUTPUT DRIVERS AND MULTIPLIER section, under sub heading Primary (Differential) Driver, for details 35 O 1.8V HSTL OUT HSTL Output: See specification table and the CLOCK DRIVERS section 38 O 3.3V CMOS OUT_CMOS CMOS Output: See specification table and the CLOCK DRIVERS section 40 I FDBK_INB Complementary Feedback input: In standard operating mode, this pin is connected to the filtered IOUTB output . This internally biased input is typically AC-coupled, and when configured as such, can accept any differential signal. 41 I FDBK_IN Feedback Input: In standard operating mode, this pin is connected to the filtered IOUT output 48 O DAC_RSET DAC output current setting resistor. Connect a resistor from this pin to GND . See the “DAC Output” section. 50 O IOUT DAC output: Output signal should be filtered and sent back on chip through FDBK_INB input 51 O IOUTB Complimentary DAC output: Output signal should be filtered and sent back on chip through FDBK_IN input 56, 57 No Connect No Connect: These should be left floating. 58 I 3.3V CMOS PWRDOWN Power Down: When this active high pin is asserted, the device goes into full power down mode. 59 I 3.3V CMOS RESET Chip Reset: When this active high pin is asserted, the chip goes into reset. Note: upon power up, a 10 us reset pulse is automatically generated when the power supplies reach a threshold and stabilize. 60 I 3.3V CMOS IO_UPDATE I/O Update: A logic transition from 0 to 1 on this pin transfers data from the I/O port registers to the control registers (see the Write subsection of the General Operation of Serial Control Port section). 61 I 3.3V CMOS CSB Chip Select: Active low. When programming a device, this pin must be held low. In systems where more than one AD9549 is present this enables individual programming of each AD9549 62 O 3.3V CMOS SDO Serial Data Output: When the device is in three wire mode, data is read on this pin 63 I/O 3.3V CMOS SDIO Serial Data Input/Output: When the device is in three-wire mode, data is written via this pin. In 2 wire mode, data reads and writes both occur on this pin 64 O 3.3V CMOS SCLK Serial Programming Clock: data clock for serial programming. |
Numéro de pièce similaire - AD9912 |
|
Description similaire - AD9912 |