Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT24C256B Fiches technique(PDF) 17 Page - ATMEL Corporation

No de pièce AT24C256B
Description  Two-wire Serial EEPROM 256K (32,768 x 8)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C256B Fiches technique(HTML) 17 Page - ATMEL Corporation

Back Button AT24C256B_07 Datasheet HTML 13Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 14Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 15Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 16Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 17Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 18Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 19Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 20Page - ATMEL Corporation AT24C256B_07 Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
AT24C256B
5080B–SEEPR–1/07
8Y1 – MAP
A
0.90
A1
0.00
0.05
D
4.70
4.90
5.10
E
2.80
3.00
3.20
D1
0.85
1.00
1.15
E1
0.85
1.00
1.15
b
0.25
0.30
0.35
e
0.65 TYP
L
0.50
0.60
0.70
PIN 1 INDEX AREA
D
E
A
A1
b
8
7
6
e
5
L
D1
E1
PIN 1 INDEX AREA
1
2
34
A
Top View
End View
Bottom View
Side View
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
8Y1, 8-lead (4.90 x 3.00 mm Body) MSOP Array Package
(MAP) Y1
C
8Y1
2/28/03
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE


Numéro de pièce similaire - AT24C256B_07

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_09 Datasheet
726Kb / 24P
   Two-wire Serial EEPROM
More results

Description similaire - AT24C256B_07

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT24C256B ATMEL-AT24C256B Datasheet
563Kb / 18P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256B ATMEL-AT24C256B_08 Datasheet
980Kb / 24P
   Two-wire Serial EEPROM 256K (32,768 x 8)
AT24C256C ATMEL-AT24C256C Datasheet
416Kb / 23P
   Two-wire Serial EEPROM 256K (32,768 x 8)
logo
AiT Semiconductor Inc.
A24C256 AITSEMI-A24C256 Datasheet
710Kb / 19P
   MEMORY EEPROM 256k bits (32768 X 8) TWO-WIRE SERIAL
REV2.2
logo
ATMEL Corporation
AT24C128SC ATMEL-AT24C128SC Datasheet
261Kb / 13P
   Two-wire Serial EEPROM Smart Card Modules 128K (16,384 x 8) 256 (32,768 x 8)
logo
Renesas Technology Corp
R1EX24256BSAS0G RENESAS-R1EX24256BSAS0G Datasheet
509Kb / 18P
   Two-wire serial interface 256k EEPROM
R1EX24256BSAS0A RENESAS-R1EX24256BSAS0A_15 Datasheet
417Kb / 18P
   Two-wire serial interface 256k EEPROM (32-kword ??8-bit)
logo
ATMEL Corporation
AT24C1024B ATMEL-AT24C1024B_08 Datasheet
1Mb / 25P
   Two-wire Serial EEPROM 1M (131,072 x 8)
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
AT24C164 ATMEL-AT24C164_06 Datasheet
441Kb / 17P
   Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com