Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXSC300 Fiches technique(PDF) 6 Page - Zetex Semiconductors

No de pièce ZXSC300
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC300 Fiches technique(HTML) 6 Page - Zetex Semiconductors

Back Button ZXSC300_06 Datasheet HTML 2Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 3Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 4Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 5Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 6Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 7Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 8Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 9Page - Zetex Semiconductors ZXSC300_06 Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ZXSC300
ISSUE 3 - NOVEMBER 2006
6
Ref
Value
Part Number
Manufacture
Comments
U1
N/A
ZXSC300E5
Zetex Plc
Single cell converter, SOT23-5
Q1
N/A
FMMT617
Zetex Plc
Low VCE(sat) NPN, SOT23
D1
1A
ZHCS1000
Zetex Plc
1A Shottky diode, SOT23
R1
100mW
Generic
Various
0805 Size
C1
2.2mF
Generic
Various
Low ESR ceramic capacitor
L1
100µH
DO1608P-104
Coilcraft
Surface mount inductor
LED1
5600mcd
NSPW500BS
Nichia
White LED
Q1
FMMT617
R1
0.1R
L1
100µH
VBATT
LED1
WHITE LED
D1
ZHCS1000
C1
2.2µF
Vcc
Gnd
Isense
Vdrive
U1
ZXSC300
REFERENCE DESIGNS
Two typical LED driving applications are shown.
Firstly a maximum brightness solution and
secondly an optimised battery life solution.
Maximum brightness solution
This circuit provides a constant current output to
the LED by rectifying the switching pulses. This
ensures maximum LED brightness.
Material List


Numéro de pièce similaire - ZXSC300_06

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXSC300E5 ZETEX-ZXSC300E5 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXSC300E5TA DIODES-ZXSC300E5TA Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
More results

Description similaire - ZXSC300_06

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
logo
Diodes Incorporated
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Zetex Semiconductors
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com