Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

APT30D20B Fiches technique(PDF) 3 Page - Advanced Power Technology

No de pièce APT30D20B
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADPOW [Advanced Power Technology]
Site Internet  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30D20B Fiches technique(HTML) 3 Page - Advanced Power Technology

  APT30D20B_05 Datasheet HTML 1Page - Advanced Power Technology APT30D20B_05 Datasheet HTML 2Page - Advanced Power Technology APT30D20B_05 Datasheet HTML 3Page - Advanced Power Technology APT30D20B_05 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT30D20B(G)_S(G)
TYPICAL PERFORMANCE CURVES
TJ =125°C
VR=133V
15A
30A
60A
T
J = -55°C
T
J = 25°C
T
J = 125°C
T
J = 150°C
60
50
40
30
20
10
0
20
15
10
5
0
Duty cycle = 0.5
TJ = 175°C
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200
90
80
70
60
50
40
30
20
10
0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
600
500
400
300
200
100
0
T
J, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
Q
rr
t
rr
t
rr
Q
rr
I
RRM
100
80
60
40
20
0
400
350
300
250
200
150
100
50
0
V
F, ANODE-TO-CATHODE VOLTAGE (V)
-di
F /dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
-di
F /dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
0
0.5
1
1.5
2
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
0
200
400
600
800
1000 1200
TJ =125°C
VR=133V
60A
15A
30A
TJ = 125°C
VR = 133V
60A
30A
15A


Numéro de pièce similaire - APT30D20B_05

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Power Technolo...
APT30D20BCA ADPOW-APT30D20BCA Datasheet
23Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODES
APT30D20BCA ADPOW-APT30D20BCA Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30D20BCA THINKISEMI-APT30D20BCA Datasheet
2Mb / 5P
   2*30A/200V Heatsink Dual Anode Common Ultra Fast Recovery Rectifiers
logo
Advanced Power Technolo...
APT30D20BCAG ADPOW-APT30D20BCAG Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Thinki Semiconductor Co...
APT30D20BCAG THINKISEMI-APT30D20BCAG Datasheet
2Mb / 5P
   2*30A/200V Heatsink Dual Anode Common Ultra Fast Recovery Rectifiers
More results

Description similaire - APT30D20B_05

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com