Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HFA16TA60CS Fiches technique(PDF) 3 Page - International Rectifier

No de pièce HFA16TA60CS
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

HFA16TA60CS Fiches technique(HTML) 3 Page - International Rectifier

  HFA16TA60CS Datasheet HTML 1Page - International Rectifier HFA16TA60CS Datasheet HTML 2Page - International Rectifier HFA16TA60CS Datasheet HTML 3Page - International Rectifier HFA16TA60CS Datasheet HTML 4Page - International Rectifier HFA16TA60CS Datasheet HTML 5Page - International Rectifier HFA16TA60CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HFA16TA60CS
Bulletin PD-20373 01/01
3
www.irf.com
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics, (per Leg)
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage, (per Leg)
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage, (per Leg)
Fig. 1 - Maximum Forward Voltage Drop
vs. Instantaneous Forward Current,
(per Leg)
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
R
Reverse Voltage - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
1
10
100
1
10
100
1000
T = 25°C
J
Reverse Voltage - V (V)
R
A
Reverse Voltage - VR ( V )
0.1
1
10
100
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
FM
Forward Voltage Drop - V
(V)
T = 150°C
T = 125°C
T = 25°C
J
J
J
A


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
APT2X101DQ100J ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
APT15DQ100K ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
60EPU06PBF Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
IRG4BC10KDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA04TB60SPBF ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
IRGP4063DPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
APT2X31D20J_05 ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Advanced Power Technology
IRG4BC20UD-SPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn