Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

HFA16TA60CS Fiches technique(PDF) 2 Page - International Rectifier

No de pièce HFA16TA60CS
Description  Ultrafast, Soft Recovery Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

HFA16TA60CS Fiches technique(HTML) 2 Page - International Rectifier

  HFA16TA60CS Datasheet HTML 1Page - International Rectifier HFA16TA60CS Datasheet HTML 2Page - International Rectifier HFA16TA60CS Datasheet HTML 3Page - International Rectifier HFA16TA60CS Datasheet HTML 4Page - International Rectifier HFA16TA60CS Datasheet HTML 5Page - International Rectifier HFA16TA60CS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HFA16TA60CS
Bulletin PD-20373 01/01
2
www.irf.com
Parameter
Min
Typ
Max
Units
Tlead!
Lead Temperature
300
°C
Junction-to-Case, Single Leg Conducting
3.5
Junction-to-Case, Both Legs Conducting
1.75
RthJA"
Thermal Resistance, Junction to Ambient
80
Wt
Weight
2
g
0.07
(oz)
Mounting Torque
6
12
Kg-cm
5
10
lbf•in
Parameter
Min Typ Max Units
Test Conditions
trr
Reverse Recovery Time
18
IF = 1.0A, dif/dt = 200A/µs, VR = 30V
trr1
37
55
ns
TJ = 25°C
trr2
55
90
TJ = 125°C
IF = 8A
IRRM1
Peak Recovery Current
3.5
5.0
TJ = 25°C
IRRM2
4.5
8.0
TJ = 125°C
VR = 200V
Qrr1
Reverse Recovery Charge
65
138
TJ = 25°C
Qrr2
124
360
TJ = 125°C
dif/dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
240
TJ = 25°C
di(rec)M/dt2 During tb
210
TJ = 125°C
Parameter
Min Typ Max Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
600
V
IR = 100µA
1.4
1.7
IF = 8A
1.7
2.1
V
IF = 16A
1.4
1.7
IF = 8A, TJ = 125°C
0.3
5
VR = VR Rated
100
500
TJ = 125°C, VR = 0.8 x VR RatedD Rated
CT
Junction Capacitance
10
25
pF
VR = 200V
Measured lead to lead 5mm from
package body
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
LS
Series Inductance
8.0
nH
See Fig. 3
See Fig. 2
See Fig. 1
Thermal - Mechanical Characteristics
See Fig. 5, 6 & 16
See Fig. 7& 8
See Fig. 9 & 10
See Fig. 11 & 12
K/W
VFM
Max Forward Voltage
µA
Max Reverse Leakage Current
IRM
RthJC
!
0.063 in. from Case (1.6mm) for 10 sec
"
Typical Socket Mount


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
IRG4PC50UDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA140NH60 Ultrafast Soft Recovery Diode 1  2  3  4  5  International Rectifier
APT2X101DQ100J ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
APT15DQ100K ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Microsemi Corporation
60EPU06PBF Ultrafast Soft Recovery Diode 1  2  3  4  5  More International Rectifier
IRG4BC10KDPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
HFA04TB60SPBF ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
IRGP4063DPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier
APT2X31D20J_05 ULTRAFAST SOFT RECOVERY RECTIFIER DIODE 1  2  3  4  Advanced Power Technology
IRG4BC20UD-SPBF INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1  2  3  4  5  More International Rectifier