Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP65-05W Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAP65-05W
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP65-05W Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAP65-05W Datasheet HTML 1Page - NXP Semiconductors BAP65-05W Datasheet HTML 2Page - NXP Semiconductors BAP65-05W Datasheet HTML 3Page - NXP Semiconductors BAP65-05W Datasheet HTML 4Page - NXP Semiconductors BAP65-05W Datasheet HTML 5Page - NXP Semiconductors BAP65-05W Datasheet HTML 6Page - NXP Semiconductors BAP65-05W Datasheet HTML 7Page - NXP Semiconductors BAP65-05W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2001 May 07
4
Philips Semiconductors
Product specification
Silicon PIN diode
BAP65-05W
GRAPHICAL DATA
handbook, halfpage
10
1
10−1
MGW097
10−1
110
IF (mA)
rD
(
Ω)
102
Fig.2
Forward resistance as a function of the
forward current; typical values.
f = 100 MHz; Tj =25 °C.
handbook, halfpage
020
1000
0
200
MGW098
400
600
800
4
8
12
16
VR (V)
Cd
(fF)
Fig.3
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
0123
0
−0.1
−0.3
−0.5
−0.4
−0.2
MGW099
f (GHz)
|s21|
2
(dB)
(1)
(4)
(3)
(2)
Diode inserted in series with a 50
Ω stripline circuit and
biased via the analyzer Tee network.
Tamb =25 °C.
Fig.4
Insertion loss (
|s21|2) of the diode in on-state
as a function of frequency; typical values.
(1) IF = 100 mA.
(2) IF =10mA.
(3) IF = 5 mA.
(4) IF = 1 mA.
handbook, halfpage
0123
0
−10
−30
−40
−20
MGW100
f (GHz)
|s21|
2
(dB)
Fig.5
Isolation (
|s21|2) of the diode in off-state as a
function of frequency; typical values.
Diode zero biased and inserted in series with a 50
Ω stripline circuit.
Tamb =25 °C.


Numéro de pièce similaire - BAP65-05W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP65-05W NXP-BAP65-05W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP65-05W PHILIPS-BAP65-05W_15 Datasheet
113Kb / 9P
   Silicon PIN diode
Rev. 2-27 September 2010
logo
Quanzhou Jinmei Electro...
BAP65-05W JMNIC-BAP65-05W_15 Datasheet
74Kb / 8P
   Silicon PIN diode
BAP65-05W_2015 JMNIC-BAP65-05W_2015 Datasheet
74Kb / 8P
   Silicon PIN diode
More results

Description similaire - BAP65-05W

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com