Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1PS75SB45 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 1PS75SB45
Description  General-purpose Schottky diodes
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS75SB45 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 1PS75SB45 Datasheet HTML 2Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 3Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 4Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 5Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 6Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 7Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 8Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 9Page - NXP Semiconductors 1PS75SB45 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
BAS40_1PSXXSB4X_SER_7
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 07 — 12 May 2006
6 of 21
Philips Semiconductors
BAS40 series; 1PSxxSB4x series
General-purpose Schottky diodes
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Tj =25 °C prior to surge.
Table 5.
Marking codes
Type number
Marking code[1]
Type number
Marking code[1]
1PS70SB40
6*3
1PS75SB45
45
1PS76SB40
S4
BAS40-05
45*
1PS79SB40
T
BAS40-05W
65*
BAS40
43*
1PS70SB46
6*6
BAS40H
AJ
BAS40-06
46*
BAS40L
S6
BAS40-06W
66*
BAS40W
63*
BAS40-07
47*
1PS70SB44
6*4
BAS40-07V
67
BAS40-04
44*
BAS40-05V
65
BAS40-04W
64*
1PS88SB48
8*5
1PS70SB45
6*5
BAS40XY
40*
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
40
V
IF
forward current
-
120
mA
IFRM
repetitive peak forward
current
tp ≤ 1s; δ≤ 0.5
-
120
mA
IFSM
non-repetitive peak forward
current
tp ≤ 10 ms
[1] -
200
mA
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Numéro de pièce similaire - 1PS75SB45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1PS75SB45 PHILIPS-1PS75SB45 Datasheet
48Kb / 8P
   Schottky barrier double diode
1999 Apr 26
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS75SB45 NXP-1PS75SB45 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
More results

Description similaire - 1PS75SB45

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAS40 NXP-BAS40_13 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
1PS70SB40 NXP-1PS70SB40 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS40 PHILIPS-BAS40_15 Datasheet
359Kb / 22P
   General-purpose Schottky diodes
Rev. 9-18 March 2015
BAS70 PHILIPS-BAS70_15 Datasheet
235Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS40-06 NXP-BAS40-06 Datasheet
227Kb / 21P
   General-purpose Schottky diodes
Rev. 08-13 January 2010
BAS70 PHILIPS-BAS70_06 Datasheet
137Kb / 20P
   General-purpose Schottky diodes
Rev. 08-4 May 2006
1PS76SB70 NXP-1PS76SB70 Datasheet
224Kb / 20P
   General-purpose Schottky diodes
Rev. 09-13 January 2010
logo
Skyworks Solutions Inc.
SMS3922 SKYWORKS-SMS3922 Datasheet
1Mb / 12P
   Surface Mount General Purpose Schottky Diodes
logo
Microsemi Corporation
GC9700 MICROSEMI-GC9700 Datasheet
130Kb / 2P
   SCHOTTKY BARRIER DIODES General Purpose TM
logo
Agilent(Hewlett-Packard...
1N5711 HP-1N5711 Datasheet
56Kb / 6P
   Schottky Barrier Diodes for General Purpose Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com