Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

4N23U Fiches technique(PDF) 2 Page - Micropac Industries

No de pièce 4N23U
Description  4N22U
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROPAC [Micropac Industries]
Site Internet  http://www.micropac.com
Logo MICROPAC - Micropac Industries

4N23U Fiches technique(HTML) 2 Page - Micropac Industries

  4N23U Datasheet HTML 1Page - Micropac Industries 4N23U Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E.Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
5 - 21
05/29/03
ELECTRICAL CHARACTERISTICS INPUT LED
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
-55
°C
+25
°C
+100
°C
VF
1.0
0.8
0.7
1.5
1.3
1.2
V
IF = 10mA
OUTPUT TRANSISTOR
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
35
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
35
V
IC = 1mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4
V
IC= 0, IE = 100µA, IF = 0
COUPLED CHARACTERISTICS
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
4N22U
4N23U
4N24U
IC(ON)
0.15
0.2
0.4
mA
VCE = 5V, IB = 0, IF = 2mA
On State Collector Current
4N22U
4N23U
4N24U
IC(ON)
2.5
6.0
10.0
mA
VCE = 5V, IB = 0, IF = 10mA
On State Collector Current
4N22U
-55°C
4N23U
4N24U
IC(ON)
1.0
2.5
4.0
mA
VCE = 5V, IB = 0, IF = 10mA
On State Collector Current
4N22U
+100°C
4N23U
4N24U
IC(ON)
1.0
2.5
4.0
mA
VCE = 5V, IB = 0, IF = 10mA
Off State Collector Current
+25°C
IC(OFF)
100
nA
VCE = 20V, IB = 0, IF = 0mA
Off State Collector Current +100°C
IC(OFF)
100
µA
VCE = 20V, IB = 0, IF = 0mA
Collector-Emitter Saturation Voltage
4N22U
4N23U
4N24U
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IC = 2.5mA, IB = 0, IF = 20mA
IC = 5mA, IB = 0, IF = 20mA
IC = 10mA, IB = 0, IF = 20mA
Input to Output Resistance
ALL
RI-O
10
11
VIN-OUT = 1kV
1
Input to Output Capacitance
ALL
CI-O
5
pF
f = 1MHz, VIN-OUT = 1kV
1
Rise Time
4N22U
4N23U
4N24U
tr
tr
tr
15
15
20
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100
Fall Time
4N22U
4N23U
4N24U
tf
tf
tf
15
15
20
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100
NOTE: 1. These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
4N22U
Commercial
4N23U
Commercial
4N24U
Commercial
JAN4N22U
JAN Screened
JAN4N23U
JAN Screened
JAN4N24U
JAN Screened
JANTX4N22U
JANTX Screened
JANTX4N23U
JANTX Screened
JANTX4N24U
JANTX Screened
JANTXV4N22U
JANTXV Screened
JANTXV4N23
JANTXV Screened
JANTXV4N24U
JANTXV Screened
JANS4N22U
JANS Screened
JANS4N23U
JANS Screened
JANS4N24U
JANS Screened


Html Pages

1  2