Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA64 Fiches technique(PDF) 11 Page - Fairchild Semiconductor

No de pièce PZTA64
Description  PNP Darlington Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZTA64 Fiches technique(HTML) 11 Page - Fairchild Semiconductor

Back Button PZTA64 Datasheet HTML 6Page - Fairchild Semiconductor PZTA64 Datasheet HTML 7Page - Fairchild Semiconductor PZTA64 Datasheet HTML 8Page - Fairchild Semiconductor PZTA64 Datasheet HTML 9Page - Fairchild Semiconductor PZTA64 Datasheet HTML 10Page - Fairchild Semiconductor PZTA64 Datasheet HTML 11Page - Fairchild Semiconductor PZTA64 Datasheet HTML 12Page - Fairchild Semiconductor PZTA64 Datasheet HTML 13Page - Fairchild Semiconductor PZTA64 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SOT-223 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
62 empty pockets
Trailer Tape
300mm minimum or
38 empty pockets
SOT-223 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SOT-223 Packaging Information
Standard
(no flow code)
D84Z
Packaging type
Reel Size
TNR
13" Dia
TNR
7" Dia
Qty per Reel/Tube/Bag
2,500
500
Box Dimension (mm)
343x64x343
184x187x47
Max qty per Box
5,000
1,000
Weight per unit (gm)
0.1246
0.1246
Weight per Reel (kg)
0.7250
0.1532
SOT-223 Unit Orientation
F852
014
F852
014
F852
014
F852
014
F63TNR Label
343mm x 342mm x 64mm
Intermediate box for Standard
184mm x 184mm x 47mm
Pizza Box for D84Z Option
F63TNR Label
LOT: CBVK741B019
FSID: PN2222A
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
F63TNR Label sample
F63TNR Label
Antistatic Cover Tape
Customized Label
Static Dissipative
Embossed Carrier Tape
Packaging Description:
SOT-223 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
2,500 units per 13" or 330cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 500 units per 7" or
177cm diameter reel. This and some other options are
further described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a standard intermediate box (illustrated in
figure 1.0) made of recyclable corrugated brown paper.
One box contains two reels maximum. And these boxes
are placed inside a barcode labeled shipping box which
comes in different sizes depending on the number of parts
shipped.
SOT-223 Tape and Reel Data
September 1999, Rev. B
©2000 Fairchild Semiconductor International


Numéro de pièce similaire - PZTA64

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PZTA64 PHILIPS-PZTA64 Datasheet
51Kb / 8P
   PNP Darlington transistor
1997 Jun 20
logo
Siemens Semiconductor G...
PZTA64 SIEMENS-PZTA64 Datasheet
139Kb / 4P
   PNP Silicon Darlington Transistors
logo
Fairchild Semiconductor
PZTA64 FAIRCHILD-PZTA64 Datasheet
46Kb / 3P
   PNP Darlington Transistor
logo
Jiangsu Changjiang Elec...
PZTA64 JIANGSU-PZTA64 Datasheet
210Kb / 1P
   TRANSISTOR (PNP)
logo
Motorola, Inc
PZTA64T1 MOTOROLA-PZTA64T1 Datasheet
170Kb / 6P
   PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
More results

Description similaire - PZTA64

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
   PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
   PNP Darlington Transistor
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
   PNP (DARLINGTON TRANSISTOR)
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
   PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
   PNP Darlington transistor
1999 May 31
BSR62 PHILIPS-BSR62 Datasheet
47Kb / 8P
   PNP Darlington transistor
1999 Apr 26
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
   PNP Darlington transistor
1999 Apr 13
logo
Jiangsu Changjiang Elec...
TIP147 JIANGSU-TIP147 Datasheet
957Kb / 3P
   Darlington Transistor (PNP)
logo
Fairchild Semiconductor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
   PNP Darlington Transistor
logo
NXP Semiconductors
BSR62 NXP-BSR62 Datasheet
119Kb / 7P
   PNP Darlington transistor
2004 Nov 11
logo
Nexperia B.V. All right...
PMBTA64 NEXPERIA-PMBTA64 Datasheet
283Kb / 7P
   PNP Darlington transistor
2004 Jan 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com