Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

K1110D Fiches technique(PDF) 1 Page - MTRONPTI

No de pièce K1110D
Description  5V Crystal Clock Oscillators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MTRONPTI [MTRONPTI]
Site Internet  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

K1110D Fiches technique(HTML) 1 Page - MTRONPTI

  K1110D Datasheet HTML 1Page - MTRONPTI K1110D Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
Applications: Wide Area Networks (WAN’s)
Reference Clocking
!
Superior Tolerance Performance Including up to 10
years of aging
!
2.0 to 35.0 MHz Frequency Range
! ±10ppm ±20ppm Stability Options
!
-40°C to 85°C Operating Temperature - K1120D
!
0°C to 70°C Operating Temperature - K1110D
!
Meets Stratum IV Requirements
!
Enable/Disable Option Available
ELECTRICAL SPECIFICATIONS
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585
800-888-1499 or www.champtech.com
K11X0DA
33.33
0 MHZ
CTI DA
TE CODE
7,49
mm
Max.
20,8
mm
Max.
13,2
mm
Max.
PIN 1
1
Model
K1110DA
Frequency Range (MHz)
Input Current (mA)
2 to 35
< 30
Frequency Stability (ppm)
Overall
Temperature Range (oC)
Inclusive of Calibration, Temperature, Voltage, Load, Aging
Operating
Storage
0oC to +70oC
-40oC to +85oC
Supply Voltage (V)
Start Up Time (ms)
+5.0V ±5%
<10
-40oC to 85oC
Symmetry CMOS/TTL
45/55 < 16MHz; 40/60
≥ 16MHz
-
Aging @ 50oC (10 Years)
Inclusive
K1110D & K1120D Series
5V Crystal Clock Oscillators
K1120DAM
0oC to 70oC
±10
-
±20
±3.0
-40oC to +85oC
PART NUMBERING GUIDE
K11X0DAX X - Specify Frequency
“Blank” = Fixed Frequency
“E” = Enable/Disable
“Blank” = 0°C to 70°C Operating Temp.
“M” = -40°C to +85°C Operating Temp.
Model Selection: See Table Above
0.5 max.
4.5 min
< 5
“0” Level (VOL)
“1” Level (VOH)
Rise Time & Fall Time (ns)
OBSOLETE


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CMO3 3.3V 5x7mm Surface Mount Crystal Clock Oscillators 1  2  List of Unclassifed Manufacturers
F1100C 5V FR-4 Surface Mount Crystal Clock Oscillators 1  2  List of Unclassifed Manufacturers
K500F 5V Crystal Clock Oscillators 1  2  List of Unclassifed Manufacturers
K1100F 5V Crystal Clock Oscillators 1  2  MTRONPTI
SPG8640AN Crystal Oscillators - Programmable - Seiko Epson 1  2  List of Unclassifed Manufacturers
K1570A_07 5V Voltage Controlled Crystal Oscillators 1  2  MTRONPTI
K570A 5V Voltage Controlled Crystal Oscillators 1  2  MTRONPTI
K573A 3.3V Voltage Controlled Crystal Oscillators 1  2  MTRONPTI
CWX815 CRYSTAL CONTROLLED OSCILLATORS 1  2  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn