Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

60EPU06PBF Fiches technique(PDF) 5 Page - International Rectifier

No de pièce 60EPU06PBF
Description  Ultrafast Soft Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

60EPU06PBF Fiches technique(HTML) 5 Page - International Rectifier

  60EPU06PBF Datasheet HTML 1Page - International Rectifier 60EPU06PBF Datasheet HTML 2Page - International Rectifier 60EPU06PBF Datasheet HTML 3Page - International Rectifier 60EPU06PBF Datasheet HTML 4Page - International Rectifier 60EPU06PBF Datasheet HTML 5Page - International Rectifier 60EPU06PBF Datasheet HTML 6Page - International Rectifier 60EPU06PBF Datasheet HTML 7Page - International Rectifier 60EPU06PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
60EPU06PbF/ 60APU06PbF
Bulletin PD-21099 11/05
www.irf.com
IRFP250
D.U.T.
L = 70µH
V
= 200V
R
0.01
G
D
S
dif/dt
ADJUST
Fig. 9 - Reverse Recovery Parameter Test Circuit
Reverse Recovery Circuit
di F /dt
Fig. 10 - Reverse Recovery Waveform and Definitions
ta
tb
trr
Qrr
IF
I RRM
I RRM
0.5
di(rec)M/dt
0.75 IRRM
5
4
3
2
0
1
di /dt
f
di F /dt
4. Qrr - Area under curve defined by t rr
and IRRM
5. di (rec) M / dt - Peak rate of change of
current during t b portion of t rr
1. diF/dt - Rate of change of current through zero
crossing
2. IRRM - Peak reverse recovery current
3. trr - Reverse recovery time measured from zero
crossing point of negative going IF to point where
a line passing through 0.75 IRRM and 0.50 IRRM
extrapolated to zero current
Q rr =
t rr x I RRM
2


Numéro de pièce similaire - 60EPU06PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
60EPU06PBF VISHAY-60EPU06PBF Datasheet
119Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED PtTM
Revision: 07-Apr-08
60EPU06PBF VISHAY-60EPU06PBF Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU06PBF VISHAY-60EPU06PBF Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
60EPU06PBF VISHAY-60EPU06PBF Datasheet
206Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 15-Aug-11
60EPU06PBF VISHAY-60EPU06PBF_11 Datasheet
200Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt
Revision: 14-Feb-11
More results

Description similaire - 60EPU06PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com