Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MM74HC161 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce MM74HC161
Description  Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC161 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  MM74HC161_03 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 7Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 8Page - Fairchild Semiconductor MM74HC161_03 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions
Note 2: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 3: Unless otherwise specified all voltages are referenced to ground.
Note 4: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 5)
Note 5: For a power supply of 5V
± 10% the worst case output voltages (V
OH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to +7.0V
DC Input Voltage (VIN)
−1.5 to V
CC+1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC+0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin
(IOUT)
±25 mA
DC VCC or GND Current, per pin
(ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD)
(Note 4)
600 mW
S.O. Package only
500 mW
Lead Temperature
(TL) (Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf) VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA = 25°CTA = −40 to 85°CTA = −55 to 125°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
3.15
6.0V
4.2
4.2
4.2
VIL
Maximum LOW Level
2.0V
0.5
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
1.35
6.0V
1.8
1.8
1.8
VOH
Minimum HIGH Level
VIN = VIH or VIL
V
Output Voltage
|IOUT| ≤ 20 µA
2.0V
2.0
1.9
1.9
1.9
4.5V
4.5
4.4
4.4
4.4
6.0V
6.0
5.9
5.9
5.9
VIN = VIH or VIL
V
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
3.7
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
5.2
VOL
Maximum LOW Level
VIN = VIH or VIL
V
Output Voltage
|IOUT| ≤ 20 µA
2.0V
0
0.1
0.1
0.1
4.5V
0
0.1
0.1
0.1
6.0V
0
0.1
0.1
0.1
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
0.4
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
0.4
IIN
Maximum Input
VIN = VCC or GND
6.0V
±0.1
±1.0
±1.0
µA
Current
ICC
Maximum Quiescent
VIN = VCC or GND
6.0V
8.0
80
160
µA
Supply Current
IOUT = 0 µA


Numéro de pièce similaire - MM74HC161_03

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC161M FAIRCHILD-MM74HC161M Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
MM74HC161MTC FAIRCHILD-MM74HC161MTC Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
MM74HC161N FAIRCHILD-MM74HC161N Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
MM74HC161SJ FAIRCHILD-MM74HC161SJ Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
More results

Description similaire - MM74HC161_03

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com