Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSD1621 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce KSD1621
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSD1621 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  KSD1621_05 Datasheet HTML 1Page - Fairchild Semiconductor KSD1621_05 Datasheet HTML 2Page - Fairchild Semiconductor KSD1621_05 Datasheet HTML 3Page - Fairchild Semiconductor KSD1621_05 Datasheet HTML 4Page - Fairchild Semiconductor KSD1621_05 Datasheet HTML 5Page - Fairchild Semiconductor KSD1621_05 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.fairchildsemi.com
KSD1621 Rev. B2
Typical Performance Characteristics (Continued)
Figure 7. Safe Operating Area
Figure 8. Power Derating
0.1
1
10
100
0.01
0.1
1
10
T
a=25
oC
Single Pulse
Mounted on Ceramic Board
(250mm
2 × 0.8mm)
I
C MAX. (DC)
I
C MAX. (Pulse)
V
CE[V], COLLECTOR-EMITTER VOLTAGE
0
50
100
150
200
0.0
0.4
0.8
1.2
1.6
No H
eat S
ink
Ta[
oC], AMBIENT TEMPERATURE


Numéro de pièce similaire - KSD1621_05

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSD1621RTF FAIRCHILD-KSD1621RTF Datasheet
120Kb / 6P
   NPN Epitaxial Silicon Transistor
More results

Description similaire - KSD1621_05

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com