Moteur de recherche de fiches techniques de composants électroniques |
|
TPS79915DDCTG4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
TPS79915DDCTG4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 28 page www.ti.com 10 s/div m 1V/div 4V/div V OUT V IN 0V 3.85V R W LOAD =19 C =10 F OUT m R W LOAD =19 C =2.2 F OUT m 10 s/div m 1V/div 5V/div V OUT V EN R W LOAD =19 C =2.2 F OUT m R W LOAD =19 C =10 F OUT m V =3.85V IN 50ms/div 7 6 5 4 3 2 1 0 −1 V IN V OUT R L = 19Ω TPS799xx SBVS056H – JANUARY 2005 – REVISED MAY 2007 TYPICAL CHARACTERISTICS (continued) Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA, VEN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS79901, VOUT = 3.0V. Typical values are at TJ = +25°C. TPS799285 TURN-ON RESPONSE TPS799285 (VEN = VIN) ENABLE RESPONSE Figure 25. Figure 26. TPS799285 POWER-UP/POWER-DOWN Figure 27. 9 Submit Documentation Feedback |
Numéro de pièce similaire - TPS79915DDCTG4 |
|
Description similaire - TPS79915DDCTG4 |