Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX6307 Fiches technique(PDF) 4 Page - California Eastern Labs

No de pièce NX6307
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX6307 Fiches technique(HTML) 4 Page - California Eastern Labs

  NX6307 Datasheet HTML 1Page - California Eastern Labs NX6307 Datasheet HTML 2Page - California Eastern Labs NX6307 Datasheet HTML 3Page - California Eastern Labs NX6307 Datasheet HTML 4Page - California Eastern Labs NX6307 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
NX6307 Series
ABSOLUTE MAXIMUM RATINGS
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25ºC, unless otherwise specified)
ηd
(@ 85ºC)
ηd
(@ 25ºC)
*1 Applicable to only NX6307S Series
*2 FAHM: Full Angle at Half Maximum
PARAMETER
SYMBOL
RATINGS
UNIT
Optical Output Power
Po
20
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
20 to +85
°
C
Storage Temperature
Tstg
40 to +85
°
C
Assembly Temperature
Tasb
150 (15 Hr)
°
C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°
C
Relative Humidity (noncondensing)
RH
85
%
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vop
Po = 7.0 mW, TC = −20 to +85°C
1.1
1.6
V
Threshold Current
Ith
10
20
mA
TC = 85°C
30
40
Threshold Output Power
Pth
TC = −20 to +85°C, IF = Ith
100
200
μ
W
Optical Output Power
Po
IF = Ith + 20 mA
4
7
mW
Differential Efficiency
ηd
0.2
0.35
W/A
Temperature Dependence of
Differential Efficiency
Δηd
Δηd
= 10 log
3.0
2.5
dB
Modulation Current
Imod
TC = 85°C
50
mA
Peak Emission Wavelength
λp
Po = 7.0 mW, RMS (−20 dB),
TC = −20 to +85°C
1 280
1 335
nm
Side Mode Suppression Ratio
SMSR
Po = 7.0 mW, RMS (−20 dB),
TC = −20 to +85°C
30
45
dB
Vertical Beam Angle*1
θ
Po = 7.0 mW, FAHM*2
35
40
deg.
Lateral Beam Angle*1
θ//
Po = 7.0 mW, FAHM*2
30
35
deg.
Rise Time
tr
10-90%
0.2
ns
Fall Time
tf
90-10%
0.2
ns
Monitor Current
Im
VR = 5 V, IF = Ith + 20 mA
280
840
1 400
μ
A
Monitor Dark Current
ID
VR = 5 V
0.1
10
nA
VR = 5 V, TC = −20 to +85°C
500
Monitor PD Terminal Capacitance
Ct
VR = 5 V, f = 1 MHz
6.0
20
pF
Tracking Error*3
γ
Im = const. (@ Po = 7.0 mW, TC = 25°C)
TC = −20 to +85°C
1.0
1.0
dB


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn