Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX6307 Fiches technique(PDF) 2 Page - California Eastern Labs

No de pièce NX6307
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX6307 Fiches technique(HTML) 2 Page - California Eastern Labs

  NX6307 Datasheet HTML 1Page - California Eastern Labs NX6307 Datasheet HTML 2Page - California Eastern Labs NX6307 Datasheet HTML 3Page - California Eastern Labs NX6307 Datasheet HTML 4Page - California Eastern Labs NX6307 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NX6307 Series
PACKAGE DIMENSIONS (UNIT: mm)
1 (CASE)
4
3
2
LD
PD
NX6307SK
1 (CASE)
4
3
2
LD
PD
NX6307GK
4.2±0.1
3.55±0.05
5.6+0.00
-0.03
1.0±0.1
P.C.D
2.0
LD CHIP
4– 0.45
PIN CONNECTIONS
BOTTOM VIEW
NX6307S Series
1.0 MIN.
1.6±0.1
1 (CASE)
2
3
4
LD
PD
NX6307SH
4.3±0.1
3.75±0.05
5.6+0.00
-0.03
1.0±0.1
P.C.D
2.0
4– 0.45
Focal Point
PIN CONNECTIONS
BOTTOM VIEW
NX6307G Series
1 (CASE)
2
3
4
LD
PD
NX6307GH
*1 n = 1.48 Bolosilicate Glass
REFERENCE
PLANE
1
2
3
4
1
2
3
4
0.3+0.1
-0.0
+0.1
-0.0
0.3


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn