Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX6306 Fiches technique(PDF) 1 Page - California Eastern Labs

No de pièce NX6306
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX6306 Fiches technique(HTML) 1 Page - California Eastern Labs

  NX6306 Datasheet HTML 1Page - California Eastern Labs NX6306 Datasheet HTML 2Page - California Eastern Labs NX6306 Datasheet HTML 3Page - California Eastern Labs NX6306 Datasheet HTML 4Page - California Eastern Labs NX6306 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
NEC's 1310 nm InGaAsP MQW DFB
LASER DIODE IN CAN PACKAGE
FOR 155 Mb/s and 622 Mb/s APPLICATIONS
NX6306 SERIES
FEATURES
• OPTICAL OUTPUT POWER:
Po = 5.0 mW
• LOW THRESHOLD CURRENT:
lth = 10 mA @ TC = 25°C
• HIGH SPEED:
tr, tf = 0.5 ns MAX.
• 40% REDUCTION OF MOUNTING AREA:
5-pin SOP × 2
• SIDE MODE SUPPRESSION RATIO:
SWSR = 45 dB @ TYP.
• InGaAs MONITOR PIN-PD
• CAN PACKAGE:
φ
5.6 mm
• BASED ON TELCORDIA RELIABILITY
DESCRIPTION
NEC's NX6306 Series is a 1 310 nm Multiple Quantum Well
(MQW) structured Distributed Feed-Back (DFB) laser diode
with InGaAs monitor PIN-PD.
This device is ideal for Gigabit Ethernet and Synchronous
Digital Hierarchy (SDH) system STM-1 (I-1, S-1.1, L-1.1),
STM-4 (I-4, S-4.1, L-4.1), ITU-T recommendations.
California Eastern Laboratories
APPLICATIONS
• 156 Mb/s: STM-1 (I-1, S-1.1, L-1.1)
• 622 Mb/s: STM-4 (I-4, S-4.1, L-4.1)
• 1.25 Gb/s: Gigabit Ethernet
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
PRELIMINARY DATASHEET
NX6306G Series
NX6306S Series


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn