Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX6301 Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce NX6301
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX6301 Fiches technique(HTML) 3 Page - California Eastern Labs

  NX6301 Datasheet HTML 1Page - California Eastern Labs NX6301 Datasheet HTML 2Page - California Eastern Labs NX6301 Datasheet HTML 3Page - California Eastern Labs NX6301 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NX6301 SERIES
FAR FIELD PATTERN (θ//)
(NX6301S SERIES ONLY)
Lateral Beam Angle θ// (deg.)
Vertical Beam Angle θ (deg.)
100
50
0
-60
0
60
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C)
-60
0
60
100
50
0
FAR FIELD PATTERN (θ )
(NX6301S SERIES ONLY)
-10
-30
-50
-70
-90
1287
1312
1337
50
40
30
20
10
0
0
0.5
1.0
1.5
2.0
2.5
SPECTRUM
FORWARD CURRENT vs.
FORWARD VOLTAGE
Wavelength, λ (nm)
Forward Voltage, VF (V)
Note: The graphs indicate nominal characteristics.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn