Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX6301 Fiches technique(PDF) 2 Page - California Eastern Labs

No de pièce NX6301
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX6301 Fiches technique(HTML) 2 Page - California Eastern Labs

  NX6301 Datasheet HTML 1Page - California Eastern Labs NX6301 Datasheet HTML 2Page - California Eastern Labs NX6301 Datasheet HTML 3Page - California Eastern Labs NX6301 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NX6301 SERIES
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C)
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
OPERATING CURRENT AND THRESHOLD CURRENT
vs. CASE TEMPERATURE
TEMPERATURE DEPENDENCE OF
PEAK EMISSION WAVELENGTH
Forward Current, IF (mA)
Case Temperature, TC (°C)
Case Temperature, TC (°C)
10
8
6
4
2
0
20
40
60
80
100
100
10
1
-60
-40
-20
0
20
40
60
80
100
Ith
IOP @ PO = 5 mW
1320
1315
1310
1305
1300
-60
-40
-20
0
20
40
60
80
100
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power
mW
10
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TSLD
Lead Soldering
Temperature (10 s)
°C
350 (3 sec.)
RH
Relative Humidity
(noncondensing)
%
85
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn