Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NX5504 Fiches technique(PDF) 4 Page - California Eastern Labs

No de pièce NX5504
Description  1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX5504 Fiches technique(HTML) 4 Page - California Eastern Labs

  NX5504_06 Datasheet HTML 1Page - California Eastern Labs NX5504_06 Datasheet HTML 2Page - California Eastern Labs NX5504_06 Datasheet HTML 3Page - California Eastern Labs NX5504_06 Datasheet HTML 4Page - California Eastern Labs NX5504_06 Datasheet HTML 5Page - California Eastern Labs NX5504_06 Datasheet HTML 6Page - California Eastern Labs NX5504_06 Datasheet HTML 7Page - California Eastern Labs NX5504_06 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NX5504 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Optical Output Power
Po
10
mW
Forward Current of LD
IF
150
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
Assembly Temperature
Tasb
150 (15 Hr)
°C
Lead Soldering Temperature
Tsld
350 (3 sec.)
°C
Relative Humidity (noncondensing)
RH
85
%
Data Sheet PL10435EJ04V0DS
4


Numéro de pièce similaire - NX5504_06

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
NX5504EH RENESAS-NX5504EH Datasheet
269Kb / 12P
   LASER DIODE
2006
logo
California Eastern Labs
NX5504EH-AZ CEL-NX5504EH-AZ Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
logo
Renesas Technology Corp
NX5504EK RENESAS-NX5504EK Datasheet
269Kb / 12P
   LASER DIODE
2006
logo
California Eastern Labs
NX5504EK-AZ CEL-NX5504EK-AZ Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
More results

Description similaire - NX5504_06

FabricantNo de pièceFiches techniqueDescription
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5521 RENESAS-NX5521 Datasheet
192Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com