Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX5313 Fiches technique(PDF) 2 Page - California Eastern Labs

No de pièce NX5313
Description  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX5313 Fiches technique(HTML) 2 Page - California Eastern Labs

  NX5313 Datasheet HTML 1Page - California Eastern Labs NX5313 Datasheet HTML 2Page - California Eastern Labs NX5313 Datasheet HTML 3Page - California Eastern Labs NX5313 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PACKAGE DIMENSIONS (Units in mm)
NX5313 SERIES
*1 Focal Point: A point to get maximum optical output power from fiber.
BOTTOM VIEW
1
2
3
4
1.0±0.1
Focal Point
*1
Reference
Plane
0.3
+0.1
-0.0
x = 180 m Typ
y = 0 m Typ
µ
µ
2.0
φ
4– 0.45
φ
5.6
+0.00
-0.03
φ
4.2±0.1
φ
3.55±0.1
φ
2.0
φ
*1 LD Beam angle is optimized for coupling with 8 degree angled SMF.
PIN CONNECTIONS
1 (Case)
4
3
2
LD
PD
NX5313EK
1 (Case)
2
3
4
LD
PD
NX5313EH
Direction of LD Beam Angle
*1
TOP VIEW
Focal Point
+
+
-
Y
X
Focal Point
+
+
-
Z
X
x = 180 m Typ
∆µ
(Center of stem)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn