Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NX5302 Fiches technique(PDF) 3 Page - California Eastern Labs

No de pièce NX5302
Description  1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CEL [California Eastern Labs]
Site Internet  http://www.cel.com
Logo CEL - California Eastern Labs

NX5302 Fiches technique(HTML) 3 Page - California Eastern Labs

  NX5302 Datasheet HTML 1Page - California Eastern Labs NX5302 Datasheet HTML 2Page - California Eastern Labs NX5302 Datasheet HTML 3Page - California Eastern Labs NX5302 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NX5302 SERIES
TYPICAL PERFORMANCE CURVES (TC = -40 to +85°C)
10
5.0
060
80
100
7.5
2.5
20
40
100
50
30
20
10
5
3
2
-60
-40
-20
0
20
40
60
80
100
Iop
Ith
1
-60
-40
-20
0
20
40
60
80
100
1340
1320
1300
1280
01
2
50
40
30
20
10
10
5
0
500
1000
1500
1300
1310
1320
OPTICAL OUTPUT POWER
vs. FORWARD CURRENT
OPERATING CURRENT AND THRESHOLD
CURRENT vs. CASE TEMPERATURE
Forward Current, IF (mA)
Case Temperature, TC (°C)
TEMPERATURE DEPENDENCE OF
CENTER WAVELENGTH
Case Temperature, TC (°C)
FORWARD CURRENT vs.
FORWARD VOLTAGE
OPTICAL OUTPUT POWER
vs. MONITOR CURRENT
SPECTRUM
Forward Voltage, VF (V)
Monitor Current, Im (µA)
Wavelength, λ (nm)
Note: The graphs indicate nominal characteristics.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn