Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA5M0965Q Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce KA5M0965Q
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5M0965Q Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  KA5M0965Q Datasheet HTML 1Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 2Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 3Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 4Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 5Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 6Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 7Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 8Page - Fairchild Semiconductor KA5M0965Q Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
KA5M0965Q
4
Electrical Characteristics (Control Part) (Continued)
(Ta = 25
°C unless otherwise specified)
Note:
1. These parameters, although guaranteed, are not 100% tested in production
2. These parameters, although guaranteed, are tested in EDS(water test) process
3. These parameters are indicated Inductor current.
Characteristic
Symbol
Test condition
Min.
Typ. Max.
Unit
UVLO SECTION
Start Threshold Voltage
VSTART
-
141516
V
Stop Threshold Voltage
VSTOP
After turn on
8.4
9
9.6
V
OSCILLATOR SECTION
Initial Accuracy
FOSC
Ta=25
°C
616773
kHz
Frequency Change With Temperature (2)
--25
°C ≤ Ta ≤ +85°C-
±5
±10
%
Maximum Duty Cycle
Dmax
-
74
77
80
%
FEEDBACK SECTION
Feedback Source Current
IFB
Ta=25
°C, 0V ≤ Vfb ≤ 3V
0.7
0.9
1.1
mA
Shutdown Feedback Voltage
VSD
Vfb
≥ 6.5V
6.9
7.5
8.1
V
Shutdown Delay Current
Idelay
Ta=25
°C, 5V ≤ Vfb ≤ VSD
456
µA
SOFT START SECTION
Soft Start Voltage
VSS
VFB = 2V
4.7
5.0
5.3
V
Soft Start Current
ISS
Sync & S/S=GND
0.8
1.0
1.2
mA
CURRENT LIMIT(SELF-PROTECTION)SECTION
Peak Current Limit
IOVER
Max. inductor current
5.28 6.00 6.72
A
PROTECTION SECTION
Thermal Shutdown Temperature (Tj) (1)
TSD
-
140
160
-
°C
Over Voltage Protection Voltage
VOVP
VCC
≥ 24V
25
27
29
V
TOTAL DEVICE SECTION
Start-up Current
ISTART
VCC=14V
-
0.1
0.17
mA
Operating Supply Current (Control Part Only)
IOP
VCC
≤ 28
-
7
12
mA


Numéro de pièce similaire - KA5M0965Q

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q-TU FAIRCHILD-KA5M0965Q-TU Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q-YDTU FAIRCHILD-KA5M0965Q-YDTU Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
More results

Description similaire - KA5M0965Q

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com