Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3808G01DBVRG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3808G01DBVRG4
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G01DBVRG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS3808G01DBVRG4 Datasheet HTML 1Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 2Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 3Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 4Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 5Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 6Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 7Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 8Page - Texas Instruments TPS3808G01DBVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
Adjustable Voltage Version
Fixed Voltage Version
Reset
Logic
Timer
+
90k
V
DD
V
DD
GND
0.4V
V
REF
SENSE
MR
C
T
RESET
TPS3808G01
Adjustable Voltage
Reset
Logic
Timer
+
90k
V
DD
V
DD
GND
0.4V
V
REF
SENSE
MR
C
T
RESET
R
1
R
2
R
1 + R2 = 4MΩ
PIN ASSIGNMENTS
DBV PACKAGE
SOT23
(TOP VIEW)
VDD
SENSE
CT
RESET
GND
MR
1
2
3
6
5
4
RESET
GND
MR
6
5
4
V
DD
SENSE
C
T
1
2
3
DRV PACKAGE
2mm x 2mm QFN
(TOP VIEW)
Power
PAD
TPS3808
SBVS050F – MAY 2004 – REVISED OCTOBER 2006
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. Adjustable and Fixed Voltage Versions
Table 1. TERMINAL FUNCTIONS
TERMINAL
SOT23 (DBV)
NAME
PIN NO.
DESCRIPTION
RESET
1
RESET is an open drain output that is driven to a low impedance state when RESET is asserted (either the
SENSE input is lower than the threshold voltage (VIT) or the MR pin is set to a logic low). RESET will
remain low (asserted) for the reset period after both SENSE is above VIT and MR is set to a logic high. A
pull-up resistor from 10k
Ω to 1MΩ should be used on this pin, and allows the reset pin to attain voltages
higher than VDD.
GND
2
Ground
MR
3
Driving the manual reset pin (MR) low asserts RESET. MR is internally tied to VDD by a 90kΩ pull-up
resistor.
CT
4
Reset period programming pin. Connecting this pin to VDD through a 40kΩ to 200kΩ resistor or leaving it
open results in fixed delay times (see Electrical Characteristics). Connecting this pin to a ground referenced
capacitor
≥ 100pF gives a user-programmable delay time. See Selecting The Reset Delay Time in the
Device Operation section for more information.
SENSE
5
This pin is connected to the voltage to be monitored. If the voltage at this terminal drops below the threshold
voltage VIT, then RESET is asserted.
VDD
6
Supply voltage. It is good analog design practice to place a 0.1
µF ceramic capacitor close to this pin.
PowerPAD
PowerPAD. Connect to ground plane to enhance thermal performance of package.
4
Submit Documentation Feedback


Numéro de pièce similaire - TPS3808G01DBVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808G01DBVRG4 TI-TPS3808G01DBVRG4 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVRG4 TI-TPS3808G01DBVRG4 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVRG4 TI-TPS3808G01DBVRG4 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVRG4 TI-TPS3808G01DBVRG4 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVRG4 TI-TPS3808G01DBVRG4 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Description similaire - TPS3808G01DBVRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com