Moteur de recherche de fiches techniques de composants électroniques |
|
TPS71713DCKTG4 Fiches technique(PDF) 10 Page - Texas Instruments |
|
TPS71713DCKTG4 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 24 page www.ti.com 300 270 240 210 180 150 120 90 60 30 0 0 10 100 C (nF) NR 1 I =10mA C =1 F OUT OUT m 50 45 40 35 30 25 20 15 10 5 0 0 15 25 C ( F) OUT m 10 5 20 V =2.8V,C =10nF V =1.3V,C =1nF OUT NR OUT NR 100 s/div m 50mV/div 40mV/div I OUT V OUT V =3.3V IN 150mA 1mA C =1 F m OUT 100 s/div m 1V/div 6.5V 10mV/div V IN V OUT =1V/ s m dV IN dt C OUT = 1mF 3.3V 1V/div 4V/div V OUT V IN C =1 F m OUT C =10 F m OUT 6.5V 1V/div 6.5V 0V V OUT 50 s/div m 50ms/div 3 4 5 6 0 1 2 V OUT V IN I =150mA OUT TPS717xx SBVS068C – FEBRUARY 2006 – REVISED MARCH 2007 TYPICAL CHARACTERISTICS (continued) Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5V or 2.5V, whichever is greater; IOUT = 0.5mA, VEN = VIN, COUT = 1.0µF, CNR = 0.01µF, unless otherwise noted. For TPS71701, VOUT = 2.8V. Typical values are at TJ = +25°C. TOTAL OUTPUT NOISE vs TOTAL OUTPUT NOISE vs NOISE REDUCTION OUTPUT CAPACITANCE Figure 27. Figure 28. LINE TRANSIENT RESPONSE LOAD TRANSIENT RESPONSE Figure 29. Figure 30. TURN-ON RESPONSE POWER-UP/POWER-DOWN Figure 31. Figure 32. 10 Submit Documentation Feedback |
Numéro de pièce similaire - TPS71713DCKTG4 |
|
Description similaire - TPS71713DCKTG4 |