Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62410DRC Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS62410DRC
Description  2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62410DRC Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS62410DRC Datasheet HTML 5Page - Texas Instruments TPS62410DRC Datasheet HTML 6Page - Texas Instruments TPS62410DRC Datasheet HTML 7Page - Texas Instruments TPS62410DRC Datasheet HTML 8Page - Texas Instruments TPS62410DRC Datasheet HTML 9Page - Texas Instruments TPS62410DRC Datasheet HTML 10Page - Texas Instruments TPS62410DRC Datasheet HTML 11Page - Texas Instruments TPS62410DRC Datasheet HTML 12Page - Texas Instruments TPS62410DRC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.ti.com
50
55
60
65
70
75
80
85
90
95
100
2
3
4
5
6
MODE/DATA =0
V
=1.575V
OUT
I
=10mA
OUT
I
=1mA
OUT
I
=200mA
OUT
V
-V
IN
50
60
70
80
90
100
3
4
5
6
V
-V
IN
MODE/DATA =0
V
=3.3V
OUT
I
=100mA
OUT
I
=10mA
OUT
I
=1mA
OUT
1.425
1.450
1.475
1.500
1.525
1.550
1.575
MODE/DATA =low,PFMMode,VoltagePositioning Active
MODE/DATA = high, forced PWM Mode
V
=1.5V
OUT
0.01
0.1
1
10
100
1000
I
-mA
OUT
V
=2.7V
IN
V
=5V
IN
V
=3.7V
IN
V
=5V
IN
V
=3.7V
IN
V
=3.3V
IN
V
=2.7V
IN
V
=3.3V
IN
3.200
3.250
3.300
3.350
3.400
0.01
0.1
1
10
100
1000
I
-mA
OUT
MODE/DATA =low,PFMMode,VoltagePositioning Active
MODE/DATA = high, forced PWM Mode
V
=5V
IN
V
=5V
IN
V
=3.3V
OUT
V
3.7V
IN =
V
4.2V
IN =
PWMMode
Operation
V
=3.7V
IN
V
=4.2V
IN
TPS62410
SLVS737 – FEBRUARY 2007
EFFICIENCY vs VIN , VOUT = 1.575V
EFFICIENCY vs VIN, VOUT = 3.3V
Figure 5.
Figure 6.
DC OUTPUT ACCURACY VOUT1 = 1.5V
DC OUTPUT ACCURACY VOUT2 = 3.3V
Figure 7.
Figure 8.
9
Submit Documentation Feedback


Numéro de pièce similaire - TPS62410DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62410DRCR TI1-TPS62410DRCR Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
TPS62410DRCRG4 TI1-TPS62410DRCRG4 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
TPS62410DRCT TI1-TPS62410DRCT Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
TPS62410DRCTG4 TI1-TPS62410DRCTG4 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results

Description similaire - TPS62410DRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62243-Q1 TI1-TPS62243-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive 2.25MHz 300mA Step-Down Converter in TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com