Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61080 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61080
Description  HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61080 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61080 Datasheet HTML 3Page - Texas Instruments TPS61080 Datasheet HTML 4Page - Texas Instruments TPS61080 Datasheet HTML 5Page - Texas Instruments TPS61080 Datasheet HTML 6Page - Texas Instruments TPS61080 Datasheet HTML 7Page - Texas Instruments TPS61080 Datasheet HTML 8Page - Texas Instruments TPS61080 Datasheet HTML 9Page - Texas Instruments TPS61080 Datasheet HTML 10Page - Texas Instruments TPS61080 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
0
0.40
0.80
1.20
1.60
2
20
30
40
50
60
70
80
90
DutyCycle-%
V =3V
I
V =5V
I
V =3.6V
I
0
0.40
0.80
1.20
1.60
2
20
30
40
50
60
70
80
90
DutyCycle-%
V =3V
I
V =5V
I
V =3.6V
I
I
=150mA
O
I
=100mA
O
2.5
3
3.5
4
4.5
5
5.5
6
V -InputVoltage-V
I
12.21
12.22
12.23
12.24
12.25
12.26
12.27
12.28
12.29
12.30
T =-40°C
A
T =25°C
A
T =85°C
A
12.20
12.22
12.24
12.26
12.28
12.30
12.32
0
0.05
0.10
0.15
0.20
0.25
0.30
I
-OutputCurrent- A
O
T =85°C
A
T =25°C
A
T =-40°C
A
V =3.6V
I
V =5V
I
TPS61080
TPS61081
SLVS644B – FEBRUARY 2006 – REVISED JANUARY 2007
OVER CURRENT LIMIT (TPS61081 FSW=LOW)
OVER CURRENT LIMIT (TPS61081 FSW=HIGH)
vs
vs
DUTY CYCLE
DUTY CYCLE
Figure 8.
Figure 9.
LINE REGULATION TPS61081
LOAD REGULATION TPS61081
Figure 10.
Figure 11.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS61080

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61080 TI1-TPS61080 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCR TI1-TPS61080DRCR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCRG4 TI1-TPS61080DRCRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCT TI1-TPS61080DRCT Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
TPS61080DRCTG4 TI1-TPS61080DRCTG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
More results

Description similaire - TPS61080

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61081DRCTG4 TI1-TPS61081DRCTG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH VOLTAGE DC/DC BOOST CONVERTER WITH 0.5-A/1.3-A INTEGRATED SWITCH
LP8543 TI-LP8543 Datasheet
1Mb / 40P
[Old version datasheet]   High-Voltage DC/DC Boost Converter With Integrated FET
logo
Linear Technology
LTC3129-1 LINER-LTC3129-1 Datasheet
339Kb / 8P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
LTC3129 LINER-LTC3129 Datasheet
1Mb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3關A Quiescent Current
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200 Datasheet
835Kb / 29P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
logo
Semtech Corporation
SC419 SEMTECH-SC419 Datasheet
579Kb / 24P
   EcoSpeedTM DC-DC Converter with Integrated Boost Diode
logo
Diodes Incorporated
ZXLD1601 DIODES-ZXLD1601 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com