Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61050 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61050
Description  1.2-A HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH I2C COMPATIBLE INTERFACE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61050 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS61050 Datasheet HTML 3Page - Texas Instruments TPS61050 Datasheet HTML 4Page - Texas Instruments TPS61050 Datasheet HTML 5Page - Texas Instruments TPS61050 Datasheet HTML 6Page - Texas Instruments TPS61050 Datasheet HTML 7Page - Texas Instruments TPS61050 Datasheet HTML 8Page - Texas Instruments TPS61050 Datasheet HTML 9Page - Texas Instruments TPS61050 Datasheet HTML 10Page - Texas Instruments TPS61050 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
www.ti.com
TIMER BLOCK DIAGRAM (TPS61050)
16-bitPrescaler
Safety Timer
FLASH_SYNC
LEDCURRENT CONTROL
GPIO
tSTIM
Safety Timer Trigger
(STT)
1
FlashBlanking
(Tx-MASK)
0
1
0
0
1
0:Input
1:Output
PortDirection
(DIR)
(GPIOBit)
2MHzCLOCK
EdgeDetect
Start
MODE0
MODE1
0: TORCHCURRENT LEVEL
1:FLASHCURRENT LEVEL
122Hz
400kW
400kW
LEDCURRENT CONTROL
-OFF
ILED
0
0
TorchCurrent
0
1
TorchCurrent
1
0
FlashCurrent
1
1
Torch Current
CURRENT REGULATORMODE- TORCH/FLASH ACTIVE
MODE0=LOW
MODE1=HIGH
Start
Flash/Timer
(SFT)
30.5Hz
Time-Out(TO)
Dimming
(DIM)
Timer
Value
(STIM)
Timer
Value
(DCTIM
Duty-CycleGenerator(0.8%...8.6%)
LEDON/OFFCONTROL
0:LEDOFF
1: TORCHCURRENT LEVEL
(GPIOBit)
TX
-OFF
TX
TPS61050
TPS61052
SLUS525 – MARCH 2007
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS61050

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61050DRCR TI1-TPS61050DRCR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050DRCT TI1-TPS61050DRCT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050YZGR TI1-TPS61050YZGR Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050YZGT TI1-TPS61050YZGT Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
More results

Description similaire - TPS61050

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61054 TI-TPS61054 Datasheet
810Kb / 24P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI-TPS61054_08 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH POWER WHITE LED DRIVER 2-MHz SYNCHRONOUS BOOST CONVERTER WITH STANDARD LOGIC INTERFACE
TPS61054 TI1-TPS61054_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Power White LED Driver 2-mHz Synchronous Boost Converter
TPS61050 TI1-TPS61050_15 Datasheet
1Mb / 49P
[Old version datasheet]   High-Power White LED Driver 2-MHz Synchronous Boost Converter
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
   High power white LED driver with I2C??interface
logo
Texas Instruments
TPS61058 TI-TPS61058 Datasheet
1Mb / 30P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH DOWN MODE HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com