Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60251 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS60251
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60251 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS60251 Datasheet HTML 1Page - Texas Instruments TPS60251 Datasheet HTML 2Page - Texas Instruments TPS60251 Datasheet HTML 3Page - Texas Instruments TPS60251 Datasheet HTML 4Page - Texas Instruments TPS60251 Datasheet HTML 5Page - Texas Instruments TPS60251 Datasheet HTML 6Page - Texas Instruments TPS60251 Datasheet HTML 7Page - Texas Instruments TPS60251 Datasheet HTML 8Page - Texas Instruments TPS60251 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
TPS60251
SLVS767 – APRIL 2007
ELECTRICAL CHARACTERISTICS (continued)
V
I = 3.5 V, TA = –40°C to 85°C, RIS = 562 kΩ, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VUVLO2
UVLO Threshold voltage2(2)
VI falling
1.2
1.3
1.5
V
Vhys
Under-voltage lockout hysterisis
UVLO1
210
mV
VENA_H
Enable high threshold voltage
1.5
VI
V
VENA_L
Enable low threshold voltage
0.4
V
VI = 3 V, CO = 1 µF,
TS
Soft start time(3)
0.5
ms
IMAIN_LED = 15 mA × 4
CHARGE PUMP
Vout
Overvoltage limit
6.5
V
Fs
Switching frequency
750
kHz
×1 Mode, (V
I– VO)/IO
1.2
RO
Open loop output impedance
× 1.5 Mode, (V
I× 1.5 – VO)/IO VI = 3.0V (IO =
3.5
5.0
120mA)
CURRENT SINK
Current matching of sub LEDs at light
ISUB_LED = 100 µA × 2, VDXX = 0.4 V
Km_sub
0
±2%
load condition(4)
IMAIN_LED = 15 mA × 4,
Km_main
LED to LED Current matching(5)
±1%
±5%
3.0 V
≤ V
I ≤ 4.2 V
Ka
Current accuracy
ILED = 15 mA
±6%
Main and Sub Display Current Register =
Maximum LED current of DM1-4 and
ID_MS
0
×01&2(111111),
25.5
mA
DS1-2
VDXX = 0.2 V
Aux Display Current Register = 0
×03
ID_DM5
Maximum LED current of DM5
80
mA
(XXXX11), VDM5 = 0.4 V
VIS
IS Pin voltage
3.0V
≤ V
I≤ 6.0V
1.229
1.254
1.279
V
ILED = 100 µA(6)
44.8
Output current to current set ratio sub
Isub
LEDs
6722
ILED = 15 mA(6)
44.8
ILED = 100 µA(6)
Output current to current set ratio main
Imain
LEDs
6722
ILED = 15 mA(6)
IDM5
Output current to current set ratio DM5
35853
ILED = 80 mA(6)
VDropOut
LED Drop out voltage
See (7)
80
120
mV
1
× Mode to 1.5× mode transition
VDXX Falling, 15 mA × 4 measured on the
VTH_GU
85
100
120
mV
threshold voltage(8)
lowest VDXX
Input voltage hysteresis for 1.5
× to 1×
Measured as VI– (VO– VDXX_MIN), IMAIN_LED = 15
VTH_GD
470
mV
mode transition
mA
× 4
SERIAL INTERFACE TIMING REQUIREMENTS
fmax
Clock frequency
400
kHz
twH(HIGH)
Pulse duration, clock high time
600
ns
twL(LOW)
Pulse duration, clock low time
1300
ns
tr
DATA and CLK rise time
300
ns
tf
DATA and CLK fall time
300
ns
High time (repeated) START
th(STA)
condition(after this period the first clock
600
ns
pulse is generated)
Setup time for repeated START
tsu(STA)
600
ns
condition
th(DATA)
Data input hold time
0
ns
(2)
Shut down completely and come up with all 0's after device restart
(3)
Measurement Condition: From enabling the LED driver to 90% output voltage after VI is already up.
(4)
LED current matching is defined as: (ISUB_LED_WORST – IAVG_SUB) / IAVG_SUB
(5)
LED to LED Current Matching is defined as: (IMAIN_LED_WORST – IAVG_MAIN) / IAVG_MAIN
(6)
See the Setting the LED Current section of the data sheet for details on calculating LED current given by dimming step and RIS.
(7)
Dropout Voltage is defined as VDXX (WLED Cathode) to GND voltage at which current into the LED drops 10% from the LED current at
VDXX = 0.2 V, WLED current = 15 mA × 4.
(8)
As VI drops, VDXX eventually falls below the switchover threshold of 100mV, and TPS60251 switches to 1.5× mode. See the Operating
Principle section for details about the mode transition thresholds.
3
Submit Documentation Feedback


Numéro de pièce similaire - TPS60251

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Description similaire - TPS60251

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com