Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60250 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60250
Description  HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60250 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS60250 Datasheet HTML 1Page - Texas Instruments TPS60250 Datasheet HTML 2Page - Texas Instruments TPS60250 Datasheet HTML 3Page - Texas Instruments TPS60250 Datasheet HTML 4Page - Texas Instruments TPS60250 Datasheet HTML 5Page - Texas Instruments TPS60250 Datasheet HTML 6Page - Texas Instruments TPS60250 Datasheet HTML 7Page - Texas Instruments TPS60250 Datasheet HTML 8Page - Texas Instruments TPS60250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS60250
SLVS769 – APRIL 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
VI
Input voltage range (all pins)
–0.3 to 7
V
MAX Output current limit
650
mA
HBM ESD Rating (2)
2
kV
CDM ESD Rating(3)
500
V
MM ESD Rating(4)
200
V
TA
Operating temperature range
–40 to 85
°C
TJ
Maximum operating junction temperature
150
°C
TST
Storage temperature
–55 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The Human body model (HBM) is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The testing is done according
JEDECs EIA/JESD22-A114.
(3)
Charged Device Model
(4)
Machine Model (MM) is a 200-pF capacitor discharged through a 500-nH inductor with no series resistor into each pin. The testing is
done according JEDECs EIA/JESD22-A115.
THERMAL
THERMAL
TA ≤ 25°C POWER
DERATING FACTOR
TA = 85°C POWER
PACKAGE
RESISTANCE, RθJC
RESISTANCE, RθJA
RATING
ABOVE TA = 25°C
RATING
QFN 3
×3 RTE
74.6
°C/W
48.7
°C/W
2.05 W
1.13 W
0.821 W
MIN
NOM
MAX
UNIT
VI
Input voltage range
3.0
6.0
V
IO(max)
Maximum output current
230
mA
CI
Input capacitor
1.0
µF
CO
Output capacitor
4.7
µF
C1, C2
Flying capacitor
1.0
µF
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
V
I = 3.5 V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VI
Input voltage range
3.0
6.0
V
750-kHz Switching in 1.5
× Mode
6.7
mA
(IMAIN_LED = 15 mA × 4, IO = 60 mA)
IQ
Operating quiescent current
No switching in
×1 mode (I
O = 100 µA)
68
µA
ISD
Shutdown current
Enable Control Register has 0x00
1.3
µA
VUVLO1
UVLO Threshold voltage1(1)
VI falling
2.2
2.4
2.6
V
VUVLO2
UVLO Threshold voltage2(2)
VI falling
1.2
1.3
1.5
V
(1)
Shut down charge pump and power stage and keep I2C content
(2)
Shut down completely and come up with all 0's after device restart
2
Submit Documentation Feedback


Numéro de pièce similaire - TPS60250

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60250 TI-TPS60250 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTE TI-TPS60250RTE Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTER TI-TPS60250RTER Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250RTER TI1-TPS60250RTER Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
More results

Description similaire - TPS60250

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60251 TI-TPS60251 Datasheet
644Kb / 28P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI1-TPS60250_14 Datasheet
893Kb / 26P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60250 TI-TPS60250_08 Datasheet
890Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs WITH I2C INTERFACE
TPS60255 TI1-TPS60255 Datasheet
720Kb / 25P
[Old version datasheet]   HIGH EFFICIENCY CHARGE PUMP FOR 7 WLEDs DRIVER WITH 1 WIRE INTERFACE
logo
Analog Devices
ADP8861 AD-ADP8861 Datasheet
702Kb / 40P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
ADP8860 AD-ADP8860 Datasheet
997Kb / 52P
   Charge Pump, 7-Channel Smart LED Driver with I2C Interface
REV. 0
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com