Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320AIC3106 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV320AIC3106
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3106 Fiches technique(HTML) 4 Page - Texas Instruments

  TLV320AIC3106 Datasheet HTML 1Page - Texas Instruments TLV320AIC3106 Datasheet HTML 2Page - Texas Instruments TLV320AIC3106 Datasheet HTML 3Page - Texas Instruments TLV320AIC3106 Datasheet HTML 4Page - Texas Instruments TLV320AIC3106 Datasheet HTML 5Page - Texas Instruments TLV320AIC3106 Datasheet HTML 6Page - Texas Instruments TLV320AIC3106 Datasheet HTML 7Page - Texas Instruments TLV320AIC3106 Datasheet HTML 8Page - Texas Instruments TLV320AIC3106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 99 page
background image
www.ti.com
PIN ASSIGNMENTS
A
1
2
3
4
5
6
7
8
9
B
C
D
E
F
G
H
J
48−leadQFNPackage-FutureProduct
(Bottomview)
5x5mm80−BallBGA Package
(BottomView)
48
1
12
13
24
25
36
37
(Nottoscale)
TLV320AIC3106
SLAS509A – DECEMBER 2006 – REVISED APRIL 2007
Connect QFN thermal pad to DRVSS.
The shaded balls on BGA package are not connected to the die, but are electrically connected to each other.
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
BGA BALL
QFN
NAME
A2
13
MICBIAS
Microphone Bias Voltage Output
A1
14
MIC3R
MIC3 Input (Right or Multifunction)
C2,D2
15
AVSS_ADC
Analog ADC Ground Supply, 0 V
B1,C1
16,17
DRVDD
ADC Analog and Output Driver Voltage Supply, 2.7 V – 3.6 V
D1
18
HPLOUT
High-Power Output Driver (Left +)
E1
19
HPLCOM
High-Power Output Driver (Left – or Multifunctional)
E2,F2
20,21
DRVSS
Analog Output Driver Ground Supply, 0 V
F1
22
HPRCOM
High-Power Output Driver (Right – or Multifunctional)
G1
23
HPROUT
High-Power Output Driver (Right +)
H1
24
DRVDD
ADC Analog and Output Driver Voltage Supply, 2.7 V– 3.6 V
J1
25
AVDD_DAC
Analog DAC Voltage Supply, 2.7 V–3.6 V
G2,H2
26
AVSS_DAC
Analog DAC Ground Supply, 0 V
J2
27
MONO_LOP
Mono Line Output (+)
J3
28
MONO_LOM
Mono Line Output (–)
J4
29
LEFT_LOP
Left Line Output (+)
J5
30
LEFT_LOM
Left Line Output (–)
J6
31
RIGHT_LOP
Right Line Output (+)
J7
32
RIGHT_LOM
Right Line Output (–)
H8
33
RESET
Reset
General-Purpose Input/Output #2 (Input/Output)/Digital Microphone Data Input/PLL Clock
J8
34
GPIO2
Input/Audio Serial Data Bus Bit Clock Input/Output
4
Submit Documentation Feedback


Numéro de pièce similaire - TLV320AIC3106

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320AIC3106 TI-TLV320AIC3106 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106 TI-TLV320AIC3106 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106 TI1-TLV320AIC3106 Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3106 TI-TLV320AIC3106 Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Description similaire - TLV320AIC3106

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com