Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL0600R2V Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce HCPL0600R2V
Description  High Speed-10 MBit/s Logic Gate Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0600R2V Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  HCPL0600R2V Datasheet HTML 1Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 2Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 3Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 4Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 5Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 6Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 7Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 8Page - Fairchild Semiconductor HCPL0600R2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
www.fairchildsemi.com
HCPL06XX Rev. 1.0.7
Transfer Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
Isolation Characteristics (TA = -40°C to +85°C Unless otherwise specified.)
** All typical values are at VCC = 5 V, TA = 25°C
Notes:
1.
The VCC supply to each optoisolator must be bypassed by a 0.1µF capacitor or larger. This can be either a ceramic or solid
tantalum capacitor with good high frequency characteristic and should be connected as close as possible to the package VCC and
GND pins of each device.
2.
Enable Input – No pull up resistor required as the device has an internal pull up resistor.
3.
tPLH – Propagation delay is measured from the 3.75 mA level on the HIGH to LOW transition of the input current pulse to the 1.5V
level on the LOW to HIGH transition of the output voltage pulse.
4.
tPHL – Propagation delay is measured from the 3.75 mA level on the LOW to HIGH transition of the input current pulse to the 1.5V
level on the HIGH to LOW transition of the output voltage pulse.
5.
tr – Rise time is measured from the 90% to the 10% levels on the LOW to HIGH transition of the output pulse.
6.
tf – Fall time is measured from the 10% to the 90% levels on the HIGH to LOW transition of the output pulse.
7.
tELH – Enable input propagation delay is measured from the 1.5V level on the HIGH to LOW transition of the input voltage pulse
to the 1.5V level on the LOW to HIGH transition of the output voltage pulse.
8.
tEHL – Enable input propagation delay is measured from the 1.5V level on the LOW to HIGH transition of the input voltage pulse
to the 1.5V level on the HIGH to LOW transition of the output voltage pulse.
9.
CMH – The maximum tolerable rate of rise of the common mode voltage to ensure the output will remain in the high state (i.e.,
VOUT > 2.0 V). Measured in volts per microsecond (V/µs).
10. CML – The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain in the low output state
(i.e., VOUT < 0.8 V). Measured in volts per microsecond (V/µs).
11. Device considered a two-terminal device: Pins 1,2,3 and 4 shorted together, and Pins 5,6,7 and 8 shorted together.
Symbol
DC Characteristics
Test Conditions
Min.
Typ.**
Max.
Unit
IOH
High Level Output Current
VCC = 5.5V, VO = 5.5 V, IF = 250µA,
VE = 2.0V
(2)
100
µA
VOL
Low Level Output Voltage
VCC = 5.5V, IF = 5mA, VE = 2.0V,
IOL = 13mA
(2)
0.6
V
IFT
Input Threshold Current
VCC = 5.5V, VO = 0.6V, VE = 2.0V,
IOL = 13mA
5mA
Symbol
Characteristics
Test Conditions
Min.
Typ.**
Max.
Unit
II-O
Input-Output
Insulation Leakage Current
Relative humidity = 45%,
TA = 25°C, t = 5s,
VI-O = 3000 VDC
(11)
1.0*
µA
VISO
Withstand Insulation Test Voltage
RH < 50%, TA = 25°C,
II-O ≤ 2µA, t = 1 min.
(11)
3750
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500V
(11)
1012
CI-O
Capacitance (Input to Output)
f = 1MHz(11)
0.6
pF


Numéro de pièce similaire - HCPL0600R2V

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL0600R2V FAIRCHILD-HCPL0600R2V Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Description similaire - HCPL0600R2V

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com