Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2423TE Fiches technique(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM2423TE
Description  220V Monolithic Triple Channel 15 MHz CRT DTV Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2423TE Fiches technique(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2423TE Datasheet HTML 2Page - National Semiconductor (TI) LM2423TE Datasheet HTML 3Page - National Semiconductor (TI) LM2423TE Datasheet HTML 4Page - National Semiconductor (TI) LM2423TE Datasheet HTML 5Page - National Semiconductor (TI) LM2423TE Datasheet HTML 6Page - National Semiconductor (TI) LM2423TE Datasheet HTML 7Page - National Semiconductor (TI) LM2423TE Datasheet HTML 8Page - National Semiconductor (TI) LM2423TE Datasheet HTML 9Page - National Semiconductor (TI) LM2423TE Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Theory of Operation
The LM2423 is a high voltage monolithic three channel CRT
driver suitable for DTV applications. The LM2423 operates
with 220V and 12V power supplies. The part is housed in the
industry standard 11-lead TO-220 molded plastic power
package with thin leads for improved metal-to-metal spacing.
The circuit diagram of the LM2423 is shown in Figure 2. The
PNP emitter follower, Q5, provides input buffering. Q1 and
Q2 form a fixed gain cascode amplifier with resistors R1 and
R2 setting the gain at −54. Emitter followers Q3 and Q4
isolate the high output impedance of the cascode stage from
the capacitance of the CRT cathode, which decreases the
sensitivity of the device to load capacitance. Q6 provides
biasing to the output emitter follower stage to reduce cross-
over distortion at low signal levels.
Figure 3 shows a typical test circuit for evaluation of the
LM2423. This circuit is designed to allow testing of the
LM2423 in a 50
Ω environment without the use of an expen-
sive FET probe. In this test circuit, the two 4.99 k
Ω resistors
form a 400:1 wideband, low capacitance probe when con-
nected to a 50
Ω coaxial cable and a 50Ω load (such as a
50
Ω oscilloscope input). The input signal from the generator
is ac coupled to the base of Q5.
Application Hints
INTRODUCTION
National Semiconductor (NSC) is committed to provide ap-
plication information that assists our customers in obtaining
the best performance possible from our products. The fol-
lowing information is provided in order to support this com-
mitment. The reader should be aware that the optimization of
performance was done using a specific printed circuit board
designed at NSC. Variations in performance can be realized
due to physical changes in the printed circuit board and the
application. Therefore, the designer should know that com-
ponent value changes may be required in order to optimize
performance in a given application. The values shown in this
document can be used as a starting point for evaluation
purposes. When working with high bandwidth circuits, good
layout practices are also critical to achieving maximum per-
formance.
IMPORTANT INFORMATION
The LM2423 performance is targeted for the HDTV market.
The application circuits shown in this document to optimize
performance and to protect against damage from CRT arc
over are designed specifically for the LM2423. If another
member of the LM242X family is used, please refer to its
datasheet.
POWER SUPPLY BYPASS
Since the LM2423 is a wide bandwidth amplifier, proper
power supply bypassing is critical for optimum performance.
Improper power supply bypassing can result in large over-
shoot, ringing or oscillation. 0.1 µF capacitors should be
connected from the supply pins, V
CC and VBB, to ground, as
close to the LM2423 as is practical. Additionally, a 22 µF or
larger electrolytic capacitor should be connected from both
supply pins to ground reasonably close to the LM2423.
ARC PROTECTION
During normal CRT operation, internal arcing may occasion-
ally occur. This fast, high voltage, high-energy pulse can
damage the LM2423 output stage. The application circuit
shown in Figure 13 is designed to help clamp the voltage at
the output of the LM2423 to a safe level. The clamp diodes,
D1 and D2, should have a fast transient response, high peak
current rating, low series impedance and low shunt capaci-
tance. 1SS83 or equivalent diodes are recommended. D1
and D2 should have short, low impedance connections to
V
CC and ground respectively. The cathode of D1 should be
located very close to a separately decoupled bypass capaci-
tor (C3 in Figure 13). The ground connection of D2 and the
decoupling capacitor should be very close to the LM2423
ground. This will significantly reduce the high frequency
voltage transients that the LM2423 would be subjected to
during an arc over condition. Resistor R2 limits the arc over
current that is seen by the diodes while R1 limits the current
into the LM2423 as well as the voltage stress at the outputs
of the device. R2 should be a 12W solid carbon type resistor.
R1 can be a 14W metal or carbon film type resistor. Having
large value resistors for R1 and R2 would be desirable, but
this has the effect of increasing rise and fall times. Inductor
L1 is critical to reduce the initial high frequency voltage
levels that the LM2423 would be subjected to. The inductor
will not only help protect the device but it will also help
minimize rise and fall times as well as minimize EMI. For
proper arc protection, it is important to not omit any of the arc
protection components shown in Figure 13.
EFFECT OF LOAD CAPACITANCE
Figure 7 shows the effect of increased load capacitance on
the speed of the device. This demonstrates the importance
of knowing the load capacitance in the application. Increas-
ing the load capacitance from 10 pF to 20 pF adds about
7 ns to both the rise and fall times. It is important to keep the
board capacitance as low as possible to maximize the speed
of the driver.
EFFECT OF OFFSET
Figure 8 shows the variation in rise and fall times when the
output offset of the device is varied from 120V to 130V
DC.
The rise and fall times both show a variation of about 6%
relative to the center data point (125V
DC). The rise time
increases in speed with the increase in offset voltage and the
fall time decreased in speed with the increase in offset
voltage.
THERMAL CONSIDERATIONS
Figure 9 shows the performance of the LM2423 in the test
circuit shown in Figure 3 as a function of case temperature.
The figure shows that both the rise and fall times of the
LM2423 increase by approximately 14% as the case tem-
perature increases from 30˚C to 110˚C. This corresponds to
a speed degradation of 1.4% for every 10˚C rise in case
temperature.
20114813
FIGURE 13. One Channel of the LM2423 with the
Recommended Application Circuit
www.national.com
6


Numéro de pièce similaire - LM2423TE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2423TE NSC-LM2423TE Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
More results

Description similaire - LM2423TE

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
[Old version datasheet]   Monolithic Single Channel 15 MHz DTV CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com