Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSTD3306 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FSTD3306
Description  2-Bit Low-Power Bus Switch with Level Shifting
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSTD3306 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FSTD3306 Datasheet HTML 1Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 2Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 3Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 4Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 5Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 6Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 7Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 8Page - Fairchild Semiconductor FSTD3306 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSTD3306 Rev. 1.2.2 • 8/9/06
2
Connections Diagram
VCC
BE1
1
1A
2
1B
3
GND
7
BE2
6
2B
5
2A
8
4
Figure 2.
TSSOP Pin Outs (Top View)
Figure 3.
MicroPak Pin Outs (Top View)
Pin Definitions
Pin
Description
A
Bus A switch I/O
B
Bus B switch I/O
BE
Bus enable input
Function Table
Bus Enable Input ( BE )
Function
LOW Logic Level
B connected to A
HIGH Logic Level
Disconnected


Numéro de pièce similaire - FSTD3306

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306MTC FAIRCHILD-FSTD3306MTC Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
More results

Description similaire - FSTD3306

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
NC7WBD3306 FAIRCHILD-NC7WBD3306_05 Datasheet
187Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
FSTD3306 FAIRCHILD-FSTD3306 Datasheet
224Kb / 5P
   2-Bit Low Power Bus Switch with Level Shifting
logo
ON Semiconductor
NC7WBD3125 ONSEMI-NC7WBD3125 Datasheet
298Kb / 12P
   2-Bit Low Power Bus Switch with Level Shifting
Revised December 2005
logo
Fairchild Semiconductor
NC7WBD3125 FAIRCHILD-NC7WBD3125_05 Datasheet
191Kb / 10P
   2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3306 FAIRCHILD-NC7WBD3306 Datasheet
196Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7WBD3125 FAIRCHILD-NC7WBD3125 Datasheet
195Kb / 9P
   TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting
NC7SZD384 FAIRCHILD-NC7SZD384_05 Datasheet
227Kb / 11P
   1-Bit Low Power Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
FSTD3125 FAIRCHILD-FSTD3125_05 Datasheet
153Kb / 7P
   4-Bit Bus Switch with Level Shifting
FSTD16861 FAIRCHILD-FSTD16861_05 Datasheet
174Kb / 6P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com