Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PTQB425080 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce PTQB425080
Description  200-W 48-V INPUT, 8-V OUTPUT, SEMI-REGULATED, ISOLATED DC-DC BUS CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PTQB425080 Fiches technique(HTML) 5 Page - Texas Instruments

  PTQB425080 Datasheet HTML 1Page - Texas Instruments PTQB425080 Datasheet HTML 2Page - Texas Instruments PTQB425080 Datasheet HTML 3Page - Texas Instruments PTQB425080 Datasheet HTML 4Page - Texas Instruments PTQB425080 Datasheet HTML 5Page - Texas Instruments PTQB425080 Datasheet HTML 6Page - Texas Instruments PTQB425080 Datasheet HTML 7Page - Texas Instruments PTQB425080 Datasheet HTML 8Page - Texas Instruments PTQB425080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
PTQB425080
0
5
10
15
20
VI
36 V
48 V
75 V
90
80
85
95
70
60
65
75
100
25
IO − Output Current − A
VI = 36 V
VI = 75 V
VI
VI = 48 V
0
0
8
6
18
12
14
2
20
VI
36 V
48 V
75 V
5
10
15
20
25
IO − Output Current − A
VI = 36 V
VI = 75 V
VI = 48 V
VI
4
16
10
20
0
50
40
80
60
70
30
90
5
10
15
20
25
LFM
0
200
400
600
100
Natural
Convection
IO − Output Current − A
200 LFM
100 LFM
600 LFM
400
LFM
0
36 V
48 V
60 V
75 V
5
10
15
20
25
0
6
4
12
8
10
2
IO − Output Current − A
VI = 36 V
VI = 75 V
VI = 48 V
VI = 60 V
VI
36
IO
0 A
12 A
25 A
42
66
72
78
48
54
60
0
6
4
12
8
10
2
VI − Input Voltage − V
IO = 0 A
IO = 25 A
IO = 12 A
PTQB425080
SLTS269A – DECEMBER 2006 – REVISED JANUARY 2007
All data listed in the graphs below have been developed from actual products tested at 25
°C. This data is considered typical
data for the DC-DC Converter. SOA curves represent operating conditions at which internal components are at or below
manufacturer's maximum rated operating temperature. For Figure 3 Safe Operating Area, V
I = 48 V.
EFFICIENCY
POWER DISSIPATION
AMBIENT TEMPERATURE
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
LINE REGULATION
LOAD REGULATION
Figure 4.
Figure 5.
5
Submit Documentation Feedback


Numéro de pièce similaire - PTQB425080

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PTQA420025N2AD TI-PTQA420025N2AD Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA420025N2AS TI-PTQA420025N2AS Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA420025N2AZ TI-PTQA420025N2AZ Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA420025P2AD TI-PTQA420025P2AD Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PTQA420025P2AS TI-PTQA420025P2AS Datasheet
506Kb / 18P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results

Description similaire - PTQB425080

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PTEA404120 TI-PTEA404120 Datasheet
345Kb / 14P
[Old version datasheet]   50-W, 48-V INPUT, 12-V OUTPUT, ISOLATED DC/DC CONVERTER
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com