Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADS8507 Fiches technique(PDF) 24 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce ADS8507
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8507 Fiches technique(HTML) 24 Page - Burr-Brown (TI)

Back Button ADS8507 Datasheet HTML 20Page - Burr-Brown (TI) ADS8507 Datasheet HTML 21Page - Burr-Brown (TI) ADS8507 Datasheet HTML 22Page - Burr-Brown (TI) ADS8507 Datasheet HTML 23Page - Burr-Brown (TI) ADS8507 Datasheet HTML 24Page - Burr-Brown (TI) ADS8507 Datasheet HTML 25Page - Burr-Brown (TI) ADS8507 Datasheet HTML 26Page - Burr-Brown (TI) ADS8507 Datasheet HTML 27Page - Burr-Brown (TI) ADS8507 Datasheet HTML 28Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
www.ti.com
REFERENCE
The ADS8507 can operate with its internal 2.5-V reference or an external reference. By applying an external
Buffer
CDAC
Internal
Reference
ZREF
ZCAP
CAP
(Pin 4)
REF
(Pin 5)
ZCAP
ZREF
PWRD 0
REFD 0
1
6 k
PWRD 0
REFD 1
1
100 M
PWRD 1
REFD 0
200
6 k
PWRD 1
REFD 1
200
100 M
REF
CAP
ADS8507
SLAS381 – DECEMBER 2006
reference to pin 5, the internal reference can be bypassed. The reference voltage at REF is buffered internally
with the output on CAP (pin 4).
The internal reference has an 8 ppm/°C drift (typical) and accounts for approximately 20% of the full-scale error
(FSE = ±0.5% for low grade, ±0.25% for high grade).
The ADS8507 also has an internal buffer for the reference voltage. Figure 46 shows characteristic impedances
at the input and output of the buffer with all combinations of powerdown and reference down.
Figure 46. Characteristic Impedances of the Internal Buffer
REF (pin 5) is an input for an external reference or the output for the internal 2.5-V reference. A 2.2-µF tantalum
capacitor should be connected as close as possible to the REF pin from ground. This capacitor and the output
resistance of REF create a low-pass filter to bandlimit noise on the reference. Using a smaller value capacitor
will introduce more noise to the reference, degrading the SNR and SINAD. The REF pin should not be used to
drive external AC or DC loads, as shown in Figure 46.
The range for the external reference is 2.3 V to 2.7 V and determines the actual LSB size. Increasing the
reference voltage increases the full-scale range and the LSB size of the converter which can improve the SNR.
CAP (pin 4) is the output of the internal reference buffer. A 2.2-µF tantalum capacitor should be placed as close
as possible to the CAP pin from ground to provide optimum switching currents for the CDAC throughout the
conversions cycle. This capacitor also provides compensation for the output of the buffer. Using a capacitor any
smaller than 1 µF can cause the output buffer to oscillate and may not have sufficient charge for the CDAC.
Capacitor values larger than 2.2 µF have little affect on improving performance. ESR is the total equivalent
series resistance of the compensation capacitor (CAP pin). See Figure 46 and Figure 47.
24
Submit Documentation Feedback


Numéro de pièce similaire - ADS8507

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDW TI-ADS8507IBDW Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWG4 TI-ADS8507IBDWG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWR TI-ADS8507IBDWR Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507IBDWRG4 TI-ADS8507IBDWRG4 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
More results

Description similaire - ADS8507

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com