Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA10N80C Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FQA10N80C
Description  800V N-Channel MOSFET
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQA10N80C_06 Datasheet HTML 1Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 2Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 3Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 4Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 5Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 6Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 7Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 8Page - Fairchild Semiconductor FQA10N80C_06 Datenblatt HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQA10N80C Rev. A1
September 2006
QFET
®
FQA10N80C
800V N-Channel MOSFET
Features
• 10A, 800V, RDS(on) = 1.1Ω @VGS = 10 V
• Low gate charge ( typical 44 nC)
• Low Crss ( typical 15pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
GS
D
TO-3P
FQA Series
Symbol
Parameter
FQA10N80C
Units
VDSS
Drain-Source Voltage
800
V
ID
Drain Current
- Continuous (TC = 25°C)
10
A
- Continuous (TC = 100°C)
6.32
A
IDM
Drain Current
- Pulsed
(Note 1)
40
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
920
mJ
IAR
Avalanche Current
(Note 1)
10
A
EAR
Repetitive Avalanche Energy
(Note 1)
24
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.0
V/ns
PD
Power Dissipation (TC = 25°C)
240
W
- Derate above 25°C
1.92
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
0.52
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.24
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FQA7N80_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA7N80C_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA8N80_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA8N80C_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
PJD09N0325V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
PJP75N0660V N-Channel Enhancement Mode MOSFET 1 2 3 4 Pan Jit International Inc.
GF6968ADN-Channel Enhancement-Mode MOSFET Die 1 2 3 4 5 General Semiconductor
2SK3516-01LN-CHANNEL SILICON POWER MOSFET 1 2 3 4 Fuji Electric
PFB6000N-CHANNEL TRENCH MOSFET 1 2 3 List of Unclassifed Manufacturers
STW26NM50N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn