Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA10N80C Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce FQA10N80C
Description  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80C Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  FQA10N80C_06 Datasheet HTML 1Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 2Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 3Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 4Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 5Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 6Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 7Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 8Page - Fairchild Semiconductor FQA10N80C_06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FQA10N80C Rev. A1
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
FQA7N80_06 800V N-Channel MOSFET 1  2  3  4  5  More Fairchild Semiconductor
FQA7N80C_06 800V N-Channel MOSFET 1  2  3  4  5  More Fairchild Semiconductor
FQA8N80_06 800V N-Channel MOSFET 1  2  3  4  5  More Fairchild Semiconductor
FQA8N80C_06 800V N-Channel MOSFET 1  2  3  4  5  More Fairchild Semiconductor
PJD09N03 25V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
PJP75N06 60V N-Channel Enhancement Mode MOSFET 1  2  3  4  Pan Jit International Inc.
GF6968AD N-Channel Enhancement-Mode MOSFET Die 1  2  3  4  5  General Semiconductor
2SK3516-01L N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
PFB6000 N-CHANNEL TRENCH MOSFET 1  2  3  List of Unclassifed Manufacturers
STW26NM50 N-CHANNEL 500V - 0.10ohm - 26A TO-247 Zener-Protected MDmesh TM Power MOSFET 1  2  3  4  5  More STMicroelectronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn