Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA10N80 Datasheet(Fiches technique) 5 Page - Fairchild Semiconductor

Numéro de pièce FQA10N80
Description  800V N-Channel MOSFET
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N80 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQA10N80_06 Datenblatt HTML 1Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 2Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 3Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 4Page - Fairchild Semiconductor FQA10N80_06 Datasheet HTML 5Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 6Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 7Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 8Page - Fairchild Semiconductor FQA10N80_06 Datenblatt HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FQA10N80 Rev. A1
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
FQA7N80_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA7N80C_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA8N80_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA8N80C_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA10N80C_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQA13N80_06800V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SI3424DVN-Channel 30-V D-S MOSFET 1 2 3 4 Vishay Siliconix
GFB75N03N-Channel Enhancement-Mode MOSFET 1 2 3 4 5 General Semiconductor
FDB2710250V N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn