Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQA8N80 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FQA8N80
Description  800V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA8N80 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FQA8N80_06 Datasheet HTML 1Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 2Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 3Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 4Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 5Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 6Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 7Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 8Page - Fairchild Semiconductor FQA8N80_06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FQA8N80 Rev. A1
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 4.2 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS = 0 V
2. I
D =250 µA
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
3
10
-2
10
-1
10
0
10
1
10
2
10µs
DC
10 ms
1 ms
100µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0.0
1.5
3.0
4.5
6.0
7.5
9.0
T
C, Case Temperature [
]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
N o te s :
1 . Z
θ JC ( t) = 0.57
/W M a x .
2 . D u ty F a c to r, D = t
1/t 2
3 . T
JM - T C = P DM * Z θ JC (t)
s ingle puls e
D= 0 .5
0.0 2
0.2
0.05
0.1
0.01
t
1 , S quar e W a v e P u ls e D u r a t io n [ s ec ]
t1
PDM
t2


Numéro de pièce similaire - FQA8N80_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
602Kb / 8P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C Datasheet
792Kb / 8P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C_06 Datasheet
791Kb / 9P
   800V N-Channel MOSFET
FQA8N80C FAIRCHILD-FQA8N80C_07 Datasheet
792Kb / 8P
   800V N-Channel MOSFET
More results

Description similaire - FQA8N80_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com