Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FMB5551 Datasheet(Fiches technique) 1 Page - Fairchild Semiconductor

Numéro de pièce FMB5551
Description  NPN General Purpose Amplifier SuperSOT-6 Surface Mount Package
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMB5551 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMB5551_04 Datasheet HTML 1Page - Fairchild Semiconductor FMB5551_04 Datenblatt HTML 2Page - Fairchild Semiconductor FMB5551_04 Datenblatt HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, August 2004
Absolute Maximum Ratings T
a=25°C unless otherwise noted
* Pd total, for both transistors. For each transistor, Pd = 350mW.
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
160
V
VCBO
Collector-Base Voltage
180
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current (DC)
600
mA
PC
Collector Dissipation (Ta=25°C) *
0.7
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
- 55 ~ 150
°C
RθJA
Thermal Resistance, Junction to Ambient
180
°C/W
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
BVCEO
Collector-Emitter Voltage
IC = 1mA
160
V
BVCBO
Collector-Base Voltage
IC = 10µA
180
V
BVEBO
Emitter-Base Voltage
IE = 10µA6
V
ICBO
Collector Cut-off Current
VCB = 120V
VCB = 120V, T = 100°C
50
50
nA
µA
IEBO
Emitter Cut-off Current
VEB = 4V
50
nA
On Characteristics
hFE
DC Current Gain
VCE = 5V, IC = 1mA
VCE = 5V, IC = 10mA
VCE = 5V, IC = 50mA
80
80
30
250
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
0.15
0.2
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10mA, IB = 1mA
IC = 50mA, IB = 5mA
1
1
V
Small Signal Characteristics
TYPICAL
Cob
Output Capacitance
VCB = 10V, f = 1MHz
6
pF
Cib
Input Capacitance
VCB = 0.5V, f = 1MHz
20
pF
fT
Current gain Bandwidth Product
VCE = 10V, IC = 10mA
f = 100MHz
100
300
MHz
NF
Noise Figure
VCE = 5V, IC = 200µA
f = 1MHz, RS = 2kΩ, B = 200Hz
8dB
hFE
Small Signal Current Gain
VCE = 10V, IC = 1mA
f = 1KHz
50
250
FMB5551
NPN General Purpose Amplifier
SuperSOT-6 Surface Mount Package
• This device is designed for general purpose high voltage amplifiers
and gas discharge display driving.
• Sourced from process 16.
• See MMBT5551 for characteristics.
C1
E1
C2
B1
E2
B2
SuperSOTTM-6
Mark: .3S
pin #1
Dot denotes pin #1


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn