Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN24AC Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FIN24AC
Description  22-Bit Bi-Directional Serializer/Deserializer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24AC Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FIN24AC_07 Datasheet HTML 3Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 4Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 5Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 6Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 7Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 8Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 9Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 10Page - Fairchild Semiconductor FIN24AC_07 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN24AC Rev. 1.0.3
7
Serializer Operation Mode (Continued)
A third method of serialization can be accomplished with a free running bit clock
on the CKSI signal. This mode is enabled by grounding the CKREF signal and
driving the DIRI signal HIGH.
At power-up, the device is configured to accept a serialization clock from CKSI. If
a CKREF is received, this device enables the CKREF serialization mode. The
device remains in this mode even if CKREF is stopped. To re-enable this mode,
the device must be powered down and powered back up with a “logic 0” on
CKREF.
Figure 6. Serializer Timing Diagram Using Provided Bit Clock (No CKREF)
WORD n-1
WORD n-1
WORD n
No Data
No Data
DP[1:24]
DSO
CKS0
CKSI
STROBE
b1 b2 b3
b1 b2 b3
b4 b5 b6 b7
b22 b23 b24 b25 b26
WORD n+1
WORD n
Serializer Operation: (Figure 6),
DIRI = 1,
No CKREF


Numéro de pièce similaire - FIN24AC_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results

Description similaire - FIN24AC_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com