Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFP08H60S Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FFP08H60S
Description  Hyperfast 2 Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFP08H60S Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FFP08H60S_07 Datasheet HTML 1Page - Fairchild Semiconductor FFP08H60S_07 Datasheet HTML 2Page - Fairchild Semiconductor FFP08H60S_07 Datasheet HTML 3Page - Fairchild Semiconductor FFP08H60S_07 Datasheet HTML 4Page - Fairchild Semiconductor FFP08H60S_07 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FFP08H60S Rev. A
Typical Performance Characteristics T
C = 25°C unless otherwise noted
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
Figure 5. Typical Reverse Recovery Current
Figure 6. Forward Current Deration Curve
01
23
45
0.1
1
10
100
T
C
=150
oC
T
C
=100
oC
FORWARD VOLTAGE, V
F
[V]
T
C
=25
oC
0
100
200
300
400
500
600
1E-3
0.01
0.1
1
10
100
T
C
=125
oC
REVERSE VOLTAGE, V
R
[V]
T
C
=25
oC
1
10
100
0
20
40
60
80
REVERSE VOLTAGE, V
R
[V]
f=1MHz
100
200
300
400
500
600
10
20
30
40
50
60
70
80
90
100
T
C
=125
oC
di/dt [A/µs]
T
C
=25
oC
I
F
=8A
100
200
300
400
500
600
0
2
4
6
8
10
12
14
di/dt [A/µs]
T
C
=125
oC
T
C
=25
oC
I
F
=8A
80
90
100
110
120
130
140
150
0
2
4
6
8
10
CASE TEMPERATURE, T
C
[
oC]
DC


Numéro de pièce similaire - FFP08H60S_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFP08H60STU FAIRCHILD-FFP08H60STU Datasheet
164Kb / 5P
   Hyperfast Recovery Power Rectifier
More results

Description similaire - FFP08H60S_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FFPF08H60S FAIRCHILD-FFPF08H60S Datasheet
129Kb / 5P
   Hyperfast 2 Rectifier
FFPF10H60S FAIRCHILD-FFPF10H60S_07 Datasheet
130Kb / 5P
   Hyperfast 2 Rectifier
FFP04H60S FAIRCHILD-FFP04H60S Datasheet
348Kb / 5P
   4A, 600V Hyperfast 2 Rectifier
logo
Vishay Siliconix
VS-2EFH02-M3 VISHAY-VS-2EFH02-M3 Datasheet
113Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 28-Jun-16
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3 Datasheet
123Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EFH01HM3 VISHAY-VS-2EFH01HM3_V01 Datasheet
154Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02-M3 VISHAY-VS-2EJH02-M3_V01 Datasheet
157Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EJH02HM3 VISHAY-VS-2EJH02HM3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
VS-2EMH01HM3 VISHAY-VS-2EMH01HM3 Datasheet
124Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt
Revision: 10-Feb-15
VS-2EMH01-M3 VISHAY-VS-2EMH01-M3_V01 Datasheet
132Kb / 6P
   Hyperfast Rectifier, 2 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com