Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDZ291P Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FDZ291P
Description  P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDZ291P Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FDZ291P_06 Datasheet HTML 1Page - Fairchild Semiconductor FDZ291P_06 Datasheet HTML 2Page - Fairchild Semiconductor FDZ291P_06 Datasheet HTML 3Page - Fairchild Semiconductor FDZ291P_06 Datasheet HTML 4Page - Fairchild Semiconductor FDZ291P_06 Datasheet HTML 5Page - Fairchild Semiconductor FDZ291P_06 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHTTO MAKE CHANGES WITHOUT FURTHER NOTICE TOANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOTASSUMEANY LIABILITY
ARISING OUTOF THEAPPLICATION OR USE OFANYPRODUCT OR CIRCUITDESCRIBED HEREIN; NEITHER DOES IT
CONVEYANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is
not intended to be an exhaustive list of all such trademarks.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUTTHE EXPRESS WRITTENAPPROVALOF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, or (c) whose
failure to perform when properly used in accordance
with instructions for use provided in the labeling, can be
reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life
support device or system whose failure to perform can
be reasonably expected to cause the failure of the life
support device or system, or to affect its safety or
effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Preliminary
No Identification Needed
Obsolete
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Formative or
In Design
First Production
Full Production
Not In Production
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
FAST®
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo
ImpliedDisconnect™
IntelliMAX™
Rev. I18
ACEx™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
PowerSaver™
PowerTrench®
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
μSerDes™
ScalarPump™
SILENT SWITCHER®
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
TinyLogic®
TINYOPTO™
TruTranslation™
UHC™
UltraFET®
UniFET™
VCX™
Wire™
Across the board. Around the world.™
The Power Franchise®
Programmable Active Droop™


Numéro de pièce similaire - FDZ291P_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
More results

Description similaire - FDZ291P_06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDZ293P FAIRCHILD-FDZ293P_06 Datasheet
243Kb / 5P
   P-Channel 2.5 V Specified PowerTrench짰 BGA MOSFET
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDZ372NZ FAIRCHILD-FDZ372NZ Datasheet
297Kb / 7P
   N-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET
FDZ293P FAIRCHILD-FDZ293P Datasheet
376Kb / 7P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDZ299P FAIRCHILD-FDZ299P Datasheet
178Kb / 6P
   P-Channel 2.5 V Specified PowerTrench BGA MOSFET
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
   Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
FDMA291P FAIRCHILD-FDMA291P_08 Datasheet
902Kb / 6P
   Single P-Channel 1.8V Specified PowerTrench짰 MOSFET
FDS9933BZ FAIRCHILD-FDS9933BZ Datasheet
292Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench짰 MOSFET
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com