Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL88021 Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL88021
Description  Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/ Overvoltage Monitoring Capability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL88021 Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL88021 Datasheet HTML 1Page - Intersil Corporation ISL88021 Datasheet HTML 2Page - Intersil Corporation ISL88021 Datasheet HTML 3Page - Intersil Corporation ISL88021 Datasheet HTML 4Page - Intersil Corporation ISL88021 Datasheet HTML 5Page - Intersil Corporation ISL88021 Datasheet HTML 6Page - Intersil Corporation ISL88021 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
FN8226.1
September 18, 2006
Manual Reset
The manual reset input (MR) allows the user to trigger a reset
by using a push-button switch or by signaling that pin low. The
MR input is an active low debounced input. By connecting a
push-button directly from MR to ground, the designer adds
manual system reset capability. Reset is asserted if the MR pin
is pulled low to less than 100mV for 1µs or longer while the
push-button is closed or a reset is signaled. After MR is
released, the reset outputs remain asserted for tPOR. MR input
has an internal 20k
Ω pull up resistor provided.
Figure 3 illustrates a typical application diagram for either IC
showing both reset outputs being used along with both a
manual and signalled reset configuration. The VDD and
V2MON thresholds are preset whereas the V3MON is capable
of UV (ISL88021) or OV (ISL88022) monitoring of a voltage
greater than or less than 0.6V, respectively.
Application Considerations
Follow good decoupling practices to prevent transients from
causing unwanted reset signaling due to switching noises
and short duration droops.
When using the CPOR pin, reduce layout stray capacitance
on this pin to minimize effect on tPOR timing. If no PCB
CPOR pad is patterned, the tPOR can be 160ms.
Using the ISL88021_22EVAL1 Platform
The ISL88021_22EVAL1 board is designed to provide both
immediate functional assessment and flexibility to the user.
Both ICs are the ‘HF’ variant having a VDD Vth of 4.64V, a
V2MON Vth of 3.09V and V3MON Vth of 0.6V. The top IC
position is the ISL88021 and is configured to monitor for
undervoltage (UV) compliance of a 5V, 3.3V and a 2.5V and
signaling the RESET and RESET outputs. The bottom
position is the ISL88022 variant, which is configured to
measure a 3.3V overvoltage (OV) in addition to UV on both
the 5V and 3.3V supplies. RESET and RESET is asserted for
at least tPOR when these voltage go out of range. In both
cases V3MON interfaces with the monitored supply via a
simple resistor divider for comparison to the internal 0.6V
reference. A Manual Reset (MR) input is provided on both
ICs and is invoked by pulling this input LOW.
V3MON
CPOR
MR
PB
GND
RST
RST
TO DISPLAY
TO µP
RESET
VMON > 0.6V
V2MON
VDD
1.8V - 3.3V
3.3V - 5V
ISL88021
ISL88022
SIGNAL
FIGURE 3. TYPICAL APPLICATION DIAGRAM
FIGURE 4. ISL88021_22EVAL1 SCHEMATIC AND PHOTO
ISL88021IU8HFZ
ISL88022IU8HFZ
FIGURE 5. ISL88022EVAL1 3.3V UV AND OV DETECTION
RESET# RESPONDING TO
MONITORED VOLTAGE RISING AND FALLING RAMP
THROUGH THE PROGRAMMED UV AND OV THRESHOLDS
MONITORED VOLTAGE. CPOR
PIN IS OPEN, tPOR = 150ms
ISL88021, ISL88022


Numéro de pièce similaire - ISL88021

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL88021 RENESAS-ISL88021 Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
ISL88021IU8FAZ RENESAS-ISL88021IU8FAZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
ISL88021IU8FCZ RENESAS-ISL88021IU8FCZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
ISL88021IU8FEZ RENESAS-ISL88021IU8FEZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
ISL88021IU8FFZ RENESAS-ISL88021IU8FFZ Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
More results

Description similaire - ISL88021

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL88021 RENESAS-ISL88021 Datasheet
454Kb / 8P
   Triple Voltage Monitor with Adjustable Power-On-Reset and Undervoltage/Overvoltage Monitoring Capability
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Intersil Corporation
ISL88011 INTERSIL-ISL88011 Datasheet
224Kb / 12P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
ISL88011_0602 INTERSIL-ISL88011_0602 Datasheet
270Kb / 11P
   5-Pin Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Renesas Technology Corp
ISL88011 RENESAS-ISL88011 Datasheet
708Kb / 15P
   5 Ld Voltage Supervisors with Adjustable Power-On Reset, Dual Voltage Monitoring or Watchdog Timer Capability
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702-Q1 TI1-TPS3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3703-Q1 TI1-TPS3703-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com