Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN340P Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FDN340P
Description  Single P-Channel, Logic Level, PowerTrench짰MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN340P Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FDN340P Datasheet HTML 1Page - Fairchild Semiconductor FDN340P Datasheet HTML 2Page - Fairchild Semiconductor FDN340P Datasheet HTML 3Page - Fairchild Semiconductor FDN340P Datasheet HTML 4Page - Fairchild Semiconductor FDN340P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDN340P Rev E1
Typical Characteristics
0
3
6
9
12
15
0
1
2
3
4
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
V
GS
= -4.5V
-3.5V
-3.0V
-1.5V
-2.0V
-2.5V
V
0.8
1
1.2
1.4
1.6
1.8
2
0
3
6
9
12
15
-I
D
, DRAIN CURRENT (A)
V
GS=-2.0V
-3.0V
-2.5V
-3.5V
-4.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
T
J
, JUNCTION TEMPERATURE ( oC)
I
D
= -2A
V
GS = -4.5V
0.02
0.06
0.1
0.14
0.18
0.22
1
2
3
4
5
-V
GS
, GATE TO SOURCE VOLTAGE (V)
I
D
= -1A
T
A
= 125oC
T
A
= 25 oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
0.5
1
1.5
2
2.5
-V
GS
, GATE TO SOURCE VOLTAGE (V)
T
A
= -55oC
25oC
125oC
V
DS
= -5V
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-V
SD
, BODY DIODE FORW ARD VOLTAGE (V)
V
GS
= 0V
T
A = 125
oC
25
oC
-55 oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


Numéro de pièce similaire - FDN340P

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN340P UMW-FDN340P Datasheet
406Kb / 3P
   SOT-23 Plastic-Encapsulate MOSFETS
logo
VBsemi Electronics Co.,...
FDN340P-NL VBSEMI-FDN340P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN340P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1110 TI1-TPS1110 Datasheet
242Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
logo
Fairchild Semiconductor
FDS6575 FAIRCHILD-FDS6575_01 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com