Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDN340P Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FDN340P
Description  Single P-Channel, Logic Level, PowerTrench짰MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDN340P Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FDN340P_07 Datasheet HTML 1Page - Fairchild Semiconductor FDN340P_07 Datasheet HTML 2Page - Fairchild Semiconductor FDN340P_07 Datasheet HTML 3Page - Fairchild Semiconductor FDN340P_07 Datasheet HTML 4Page - Fairchild Semiconductor FDN340P_07 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDN340P Rev E1
Electrical Characteristics
T
A =25°
C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = –250
µA
–20
V
∆BVDSS
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = –250
µA,Referenced to 25°C
–12
mV/
°C
VDS = –16 V, VGS = 0 V
–1
µA
IDSS
Zero Gate Voltage Drain Current
VDS = –16 V, VGS = 0 V,TJ=55
°C
–10
IGSSF
Gate–Body Leakage, Forward
VGS = 8 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –8 V,
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = –250
µA
–0.4
–0.8
–1.5
V
∆VGS(th)
∆TJ
Gate Threshold Voltage
Temperature Coefficient
ID = –250
µA,Referenced to 25°C
3
mV/
°C
VGS = –4.5 V,
ID = –2 A
60
70
m
VGS = –4.5 V, ID = –2 A,TJ=125
°C
77
120
RDS(on)
Static Drain–Source
On–Resistance
VGS= –2.5 V,
ID = –1.7A,
82
110
ID(on)
On–State Drain Current
VGS = –4.5 V,
VDS = –5 V
–5
A
gFS
Forward Transconductance
VDS = –4.5 V,
ID = –2 A
9
S
Dynamic Characteristics
600
Input Capacitance
779
pF
175
Output Capacitance
121
pF
80
Reverse Transfer Capacitance
VDS = –10 V,
V GS = 0 V,
f = 1.0 MHz
56
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
10
20
ns
tr
Turn–On Rise Time
9
10
ns
td(off)
Turn–Off Delay Time
27
43
ns
tf
Turn–Off Fall Time
VDD = –10 V,
ID = –1 A,
VGS = –4.5 V,
RGEN = 6
11
20
ns
Qg
Total Gate Charge
7.2
10
nC
Qgs
Gate–Source Charge
1.7
nC
Qgd
Gate–Drain Charge
VDS = –10V,
ID = –3.5 A,
VGS = –4.5 V
1.5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–0.42
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V, IS = –0.42 A (Note 2)
–0.7
–1.2
V
Notes:
1. RθJAis the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJCis guaranteed by design while RθCAis determined by the user's board design.
a. 250°C/W when mounted on a
0.02in
2 pad of 2 oz copper
b. 270°C/W when mounted on a
.001 in
2 pad of 2 oz copper
Scale 1 : 1 on letter size paper
2.Pulse Test: Pulse Width <300
µs, Duty Cycle <2.0%


Numéro de pièce similaire - FDN340P_07

FabricantNo de pièceFiches techniqueDescription
logo
VBsemi Electronics Co.,...
FDN340P-NL VBSEMI-FDN340P-NL Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Description similaire - FDN340P_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS1110 TI1-TPS1110 Datasheet
242Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL LOGIC-LEVEL MOSFETS
logo
Fairchild Semiconductor
FDS6575 FAIRCHILD-FDS6575_01 Datasheet
68Kb / 5P
   P-Channel 2.5V Specified PowerTrench짰MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDN340P FAIRCHILD-FDN340P Datasheet
273Kb / 8P
   Single P-Channel, Logic Level, PowerTrench MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3455DV FAIRCHILD-SI3455DV Datasheet
166Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
SI3457DV FAIRCHILD-SI3457DV Datasheet
85Kb / 5P
   Single P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com